Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9026 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # MSM9026
Description  Emulation Board for S1207
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSM9026 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  MSM9026 Datasheet HTML 1Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 2Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 3Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 4Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 5Page - Mosel Vitelic, Corp MSM9026 Datasheet HTML 6Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOSEL VITELIC
MSM9026
3/6
PID342 10/96
Features
AC Characteristics
Symbol
V iL
V ih
V oL
V oh
I iL
I ih
I oL
I oh
I co
I co
Parameter
input low V
input high V
output low V
output high V
input low I
input high I
output high I
output high I
Current output
Current output
Valid
TGA,B,C
TGA,B,C
OS,W,X,Y,Z
OS,W,X,Y,Z
TGA,B,C
TGA,B,C
OS,W,X,Y,Z
OS,W,X,Y,Z
Cout
Cout
Min
3.15
Vcc-0.1
Typ.
-1
1
4
-4
2.2
2.8
Max.
0.9
0.1
Unit
V
V
V
V
uA
uA
mA
mA
mA
mA
Remark
V0=0.4V
V0=Vcc-0.8
5 Vdd
6 Vdd
Symbol
t STP
t T
t T
t T
t T
t T
t T
t T
t T
f
f
f
f
f
f
f
f
Parameter
Stop pulse width
Trigger pulse width
Trigger pulse width
Trigger pulse width
Trigger pulse width
Trigger pulse width
Trigger pulse width
Trigger pulse width
Trigger pulse width
Valid
OS,W,X,Y,Z
TGA,B,C
TGA,B,C
TGA,B,C
TGA,B,C
TGA,B,C
TGA,B,C
TGA,B,C
TGA,B,C
LED
LED
LED
LED
LED
LED
LED
LED
Min
Typ.
Max.
Unit
ms
ms
ms
ms
ms
ms
ms
ms
ms
f led
f led
f led
f led
f led
f led
f led
f led
Remark
pitch independent
pitch = 0, SRI
pitch = 1, SRI
pitch = 2, SRI
pitch = 3, SRI
pitch = 4, SRI
pitch = 5, SRI
pitch = 6, SRI
pitch = 7, SRI
pitch = 0, SRI
pitch = 1, SRI
pitch = 2, SRI
pitch = 3, SRI
pitch = 4, SRI
pitch = 5, SRI
pitch = 6, SRI
pitch = 7, SRI
DC Characteristics
A 3x6 jumper header is provided on EAC area to
select drive circuit for 3 trigger inputs.
A transistor 8050 is provided on EAC area to
drive the current running through speaker.
The board's AC characteristics is not identical
to chip's.
The DC characteristics of TGs input and outputs are the same as those of 74Cxx series.
(continued)
The board's DC characteristics is not identical to
chip's.
The board's behavior is not identical to
chip's.
Neither identical to S1207's derivatives.
30
10
13
15
17
20
23
25
27
198%
158%
133%
115%
100%
88%
80%
73%
SRI := Sample Rate Independent.


Similar Part No. - MSM9026

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9000B OKI-MSM9000B Datasheet
223Kb / 38P
   DOT MATRIX LCD CONTROLLER
MSM9000B-XX OKI-MSM9000B-XX Datasheet
223Kb / 38P
   DOT MATRIX LCD CONTROLLER
MSM9004 OKI-MSM9004 Datasheet
117Kb / 15P
   1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
MSM9004 OKI-MSM9004 Datasheet
114Kb / 15P
   1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 50-DOT SEGMENT DRIVER
MSM9004-01 OKI-MSM9004-01 Datasheet
117Kb / 15P
   1/3, 1/4 DUTY LCD DRIVER WITH 4-DOT COMMON DRIVER AND 49-DOT SEGMENT DRIVER
More results

Similar Description - MSM9026

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSM9009 MOSEL-MSM9009 Datasheet
6Kb / 1P
   80" Emulation board
MSM9018 MOSEL-MSM9018 Datasheet
17Kb / 1P
   180 Emulation board
MSS0306 MOSEL-MSS0306 Datasheet
45Kb / 1P
   MSS0306 Emulation Board
logo
STMicroelectronics
X-CUBE-EEPROM STMICROELECTRONICS-X-CUBE-EEPROM Datasheet
132Kb / 5P
   EEPROM emulation software expansion for STM32Cube
December 2021
RX95HF STMICROELECTRONICS-RX95HF Datasheet
634Kb / 44P
   Near field communication transceiver for tag emulation
logo
Renesas Technology Corp
R01US0068EJ0100 RENESAS-R01US0068EJ0100 Datasheet
919Kb / 56P
   EEPROM Emulation Library
logo
STMicroelectronics
ST6XXX-EMU2 STMICROELECTRONICS-ST6XXX-EMU2 Datasheet
84Kb / 4P
   REAL TIME EMULATION DEVELOPMENT TOOLS FOR ST6 MCU FAMILY
logo
Zilog, Inc.
Z86CCP01ZEM ZILOG-Z86CCP01ZEM Datasheet
38Kb / 8P
   In-Circuit Program Debug Emulation
logo
STMicroelectronics
STICE STMICROELECTRONICS-STICE Datasheet
176Kb / 9P
   Full-featured cost-effective emulation system for ST microcontrollers
AN2077 STMICROELECTRONICS-AN2077 Datasheet
178Kb / 19P
   EEPROM Emulation with STR71x
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com