Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDB105S Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # EDB105S
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

EDB105S Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  EDB105S Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited EDB105S Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-1.0A
-0.25A
0
+0.5A
trr
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
.01
1.0
10
040
60
0.1
20
100 120 140
80
TJ=25
100
TJ=100
TJ=150
1
0
25
50
75
100
125
150
2
0
Single phaes
half wave 60Hz
inductive load
resistive or
10
20
1
10
100
8.3ms Single Half Sine Wave
TJ=25
40
50
30
60
0
5
50
CHARACTERISTICS
FIG.2 -- TYPICAL FORWARD CURRENT
DERATING CURVE
NOTES:1.RISETIME=7ns MAX. INPUT IMPEDANCE=1MΩ.22pF
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5OΩ
SETTIMEBASEFOR
10 ns /cm
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE (
)
FIG.5 -- MAXIMUM NON-REPETITIVEFORWARDSURGECURRENT
FIG.6 -- TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
EDB101S --- EDB106S
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.4 -- TYPICAL INSTANTANEOUS FORWARD
REVERSE VOLTAGE, VOLTS
FIG.3 -- TYPICAL REVERSE CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0287008
2.
10
20
.1
10
100
40
100
2
200
1
4
60
4
6
1
EDB105S-EDB106S
EDB101S-EDB104S
TJ=25
0 .8
1 .0
1 .2 1 .4
0 .1
1 .0
10
TJ=125
P ulse W idth
=300
u S
0 .6
0 .4
.0 1
0 .2
0
.001


Similar Part No. - EDB105S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EDB105S RECTRON-EDB105S Datasheet
27Kb / 2P
   GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Shenzhen Luguang Electr...
EDB105S LUGUANG-EDB105S Datasheet
174Kb / 2P
   Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
EDB105S DSK-EDB105S Datasheet
132Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
EDB105S DYELEC-EDB105S Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
EDB105S BILIN-EDB105S Datasheet
137Kb / 3P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - EDB105S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com