Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5210CYZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5210CYZ
Description  30MHz Rail-to-Rail Input-Output Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5210CYZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL5210CYZ Datasheet HTML 1Page - Intersil Corporation EL5210CYZ Datasheet HTML 2Page - Intersil Corporation EL5210CYZ Datasheet HTML 3Page - Intersil Corporation EL5210CYZ Datasheet HTML 4Page - Intersil Corporation EL5210CYZ Datasheet HTML 5Page - Intersil Corporation EL5210CYZ Datasheet HTML 6Page - Intersil Corporation EL5210CYZ Datasheet HTML 7Page - Intersil Corporation EL5210CYZ Datasheet HTML 8Page - Intersil Corporation EL5210CYZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN7185.3
EL5210, EL5410
30MHz Rail-to-Rail Input-Output Op Amps
The EL5210 and EL5410 are low power, high voltage rail-to-
rail input-output amplifiers. The EL5210 contains two
amplifiers in one package and the EL5410 contains four
amplifiers. Operating on supplies ranging from 5V to 15V,
while consuming only 2.5mA per amplifier, the EL5410 and
EL5210 have a bandwidth of 30MHz (-3dB). They also
provide common mode input ability beyond the supply rails,
as well as rail-to-rail output capability. This enables these
amplifiers to offer maximum dynamic range at any supply
voltage.
The EL5410 and EL5210 also feature fast slewing and
settling times, as well as a high output drive capability of
30mA (sink and source). These features make these
amplifiers ideal for high speed filtering and signal
conditioning application. Other applications include battery
power, portable devices, and anywhere low power
consumption is important.
The EL5410 is available in a space-saving 14 Ld TSSOP
package, as well as the industry-standard 14 Ld SOIC. The
EL5210 is available in the 8 Ld MSOP and 8 Ld SOIC
packages. Both feature a standard operational amplifier pin
out. These amplifiers operate over a temperature range of
-40°C to +85°C.
Features
• 30MHz -3dB bandwidth
• Supply voltage = 4.5V to 16.5V
• Low supply current (per amplifier) = 2.5mA
• High slew rate = 33V/µs
• Unity-gain stable
• Beyond the rails input capability
• Rail-to-rail output swing
• Available in both standard and space-saving fine pitch
packages
• Pb-free plus anneal available (RoHS compliant)
Applications
• Driver for A-to-D Converters
• Data Acquisition
• Video Processing
• Audio Processing
• Active Filters
• Test Equipment
• Battery Powered Applications
• Portable Equipment
Pinouts
1
2
3
4
14
13
12
11
5
6
7
10
9
8
-
+
-
+
-
+
-
+
EL5410
(14 LD TSSOP, SOIC)
TOP VIEW
VS-
VS+
VINB+
VINB-
VOUTB
VINA+
VINA-
VOUTA
VINC+
VINC-
VOUTC
VIND+
VIND-
VOUTD
1
2
3
4
8
7
6
5
-
+
-
+
VS-
VS+
VINA+
VINA-
VOUTA
VOUTB
VINB-
VINB+
EL5210
(8 LD MSOP, SOIC)
TOP VIEW
Data Sheet
July 5, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003-2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5210CYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5210CYZ INTERSIL-EL5210CYZ Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210CYZ RENESAS-EL5210CYZ Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210CYZ-T13 INTERSIL-EL5210CYZ-T13 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210CYZ-T13 RENESAS-EL5210CYZ-T13 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210CYZ-T7 INTERSIL-EL5210CYZ-T7 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5210CYZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5210C ELANTEC-EL5210C Datasheet
329Kb / 14P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210 RENESAS-EL5210 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com