Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5360ISZ-T13 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5360ISZ-T13
Description  200MHz Low-Power Current Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5360ISZ-T13 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5360ISZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5360ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5360ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5360ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5360ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5360ISZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5360ISZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5360ISZ-T13 Datasheet HTML 11Page - Intersil Corporation EL5360ISZ-T13 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN7387.9
May 7, 2007
FIGURE 15. FREQUENCY RESPONSE FOR VARIOUS GAIN
SETTINGS
FIGURE 16. FREQUENCY RESPONSE FOR VARIOUS
FEEDBACK RESISTORS, AV=+1
FIGURE 17. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
VS=±5V
RF=RG=768Ω
RL=500Ω
AV=-1
100K
1M
1G
4
2
0
-2
-4
-6
FREQUENCY (Hz)
100M
10M
AV=+10
AV=-5
AV=+5
VS=±5V
AV=+1
RL=150Ω
100K
1M
1G
5
3
1
-1
-3
-5
FREQUENCY (Hz)
100M
10M
RF=750Ω
RF=1kΩ
RF=2.8kΩ
1.250W
909mW
SO16 (0.150”)
θJA=80°C/W
0
25
150
1.4
1.2
0.8
0.4
0.2
0
FREQUENCY (Hz)
100
50
125
75
1
0.6
85
SO8
θJA=110°C/W
435mW
SOT23-5/6
θJA=110°C/W
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
25
150
1.4
1.2
0.8
0.4
0.2
0
FREQUENCY (Hz)
100
50
125
75
1
0.6
85
893mW
QSOP16
θJA=112°C/W
870mW
MSOP8/10
θJA=115°C/W
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
25
150
1
0.8
0.4
0.2
0.1
0
FREQUENCY (Hz)
100
50
125
75
0.6
0.3
85
0.9
0.7
0.5
909mW
SO16 (0.150”)
θJA=110°C/W
625mW
391mW
SOT23-5/6
θJA=256°C/W
SO8
θJA=160°C/W
0
25
150
1.2
0.8
0.4
0.2
0
FREQUENCY (Hz)
100
50
125
75
0.6
85
1
633mW
QSOP16
θJA=158°C/W
486mW
MSOP8/10
θJA=206°C/W
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
EL5160, EL5161, EL5260, EL5261, EL5360


Similar Part No. - EL5360ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5360ISZ-T13 INTERSIL-EL5360ISZ-T13 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5360ISZ-T13 RENESAS-EL5360ISZ-T13 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5360ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com