Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5192ACW-T7A Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5192ACW-T7A
Description  600MHz Current Feedback Amplifier with Enable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5192ACW-T7A Datasheet(HTML) 2 Page - Intersil Corporation

  EL5192ACW-T7A Datasheet HTML 1Page - Intersil Corporation EL5192ACW-T7A Datasheet HTML 2Page - Intersil Corporation EL5192ACW-T7A Datasheet HTML 3Page - Intersil Corporation EL5192ACW-T7A Datasheet HTML 4Page - Intersil Corporation EL5192ACW-T7A Datasheet HTML 5Page - Intersil Corporation EL5192ACW-T7A Datasheet HTML 6Page - Intersil Corporation EL5192ACW-T7A Datasheet HTML 7Page - Intersil Corporation EL5192ACW-T7A Datasheet HTML 8Page - Intersil Corporation EL5192ACW-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FN7181.3
May 16, 2007
Ordering Information
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG. DWG. #
EL5192CW-T7
O
7” (3k pcs)
5 Ld SOT-23
MDP0038
EL5192CW-T7A
O
7” (250 pcs)
5 Ld SOT-23
MDP0038
EL5192CWZ-T7 (Note)
BAAT
7” (3k pcs)
5 Ld SOT-23 (Pb-free)
MDP0038
EL5192CWZ-T7A (Note)
BAAT
7” (250 pcs)
5 Ld SOT-23 (Pb-free)
MDP0038
EL5192ACW-T7
O
7” (3k pcs)
6 Ld SOT-23
MDP0038
EL5192ACW-T7A
O
7” (250 pcs)
6 Ld SOT-23
MDP0038
EL5192ACWZ-T7 (Note)
BAAS
7” (3k pcs)
6 Ld SOT-23 (Pb-free)
MDP0038
EL5192ACWZ-T7A (Note)
BAAS
7” (250 pcs)
6 Ld SOT-23 (Pb-free)
MDP0038
EL5192ACS
5192ACS
-
8 Ld SOIC (150 mil)
MDP0027
EL5192ACS-T7
5192ACS
7”
8 Ld SOIC (150 mil)
MDP0027
EL5192ACS-T13
5192ACS
13”
8 Ld SOIC (150 mil)
MDP0027
EL5192ACSZ (Note)
5192ACS Z
-
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5192ACSZ-T7 (Note)
5192ACS Z
7”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
EL5192ACSZ-T13 (Note)
5192ACS Z
13”
8 Ld SOIC (150 mil) (Pb-free)
MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL5192, EL5192A


Similar Part No. - EL5192ACW-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5192ACW-T7A RENESAS-EL5192ACW-T7A Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5192ACW-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5292 RENESAS-EL5292 Datasheet
794Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com