Selected language     English  ā–¼


W01M Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part No. W01M
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BILIN [Galaxy Semi-Conductor Holdings Limited]
Homepage  http://www.galaxycn.com
Logo 

   
 1 page
background image
GALAXY ELECTRICAL
FEATURES
Rating to 1000V PRV
Surge overload rating to 50 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
W02M W04M W06M W08M W10M UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 1.0 A
VF
V
Maximum reverse current
@T
A=25
Ī¼A
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
1.5 A
35
50
WOM
- 55 ---- + 150
- 55 ---- + 125
IR
W005M(G)---W10M(G)
A
10.0
Mounting Position: Any
IF(AV)
1.5
SILICON BRIDGE RECTIFIERS
A
W005M W01M
50
100
1.0
1.0
50.0
IFSM
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0287014
1.
.032(.81)
.028(.71)
.130(3.3)
.150(3.8)
DIA
A
B
A
MIN
1.27(32.3)
LEAD
POS.
1.20(30.5)
MIN
RB15
WO
.265(6.73)
.305(7.75)
.180(4.6)
WOM
.220(6.73)
.355(9.0)
.340(8.6)
.300(7.6)
.395(10.0)
.340(8.6)
.360(9.1)
B
.180
.220
(5.6)
(4.6)
(4.6)
(5.6)
.220
.180
inch(mm)
Glass passivated chip junctions




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KBU801Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
RB2002.0 A SILICON BRIDGE RECTIFIERS 1 2 Pan Jit International Inc.
KBJ15005SILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
KBU4ASILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
BR10WSILICON BRIDGE RECTIFIERS 1 2 HY ELECTRONIC CORP.
DT25C0025 AMP SILICON BRIDGE RECTIFIERS 1 DIOTEC Electronics Corporation
DB2500P25 AMP SILICON BRIDGE RECTIFIERS 1 2 DIOTEC Electronics Corporation
DB101SILICON BRIDGE RECTIFIERS 1 2 Galaxy Semi-Conductor Holdings Limited
KBU801_1Single Phase 8.0 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
W005Single Phase 1.5 AMPS. Silicon Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl