Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5178IY-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5178IY-T13
Description  700MHz Differential Twisted-Pair Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5178IY-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5178IY-T13 Datasheet HTML 1Page - Intersil Corporation EL5178IY-T13 Datasheet HTML 2Page - Intersil Corporation EL5178IY-T13 Datasheet HTML 3Page - Intersil Corporation EL5178IY-T13 Datasheet HTML 4Page - Intersil Corporation EL5178IY-T13 Datasheet HTML 5Page - Intersil Corporation EL5178IY-T13 Datasheet HTML 6Page - Intersil Corporation EL5178IY-T13 Datasheet HTML 7Page - Intersil Corporation EL5178IY-T13 Datasheet HTML 8Page - Intersil Corporation EL5178IY-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN7491.3
May 16, 2007
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage (VS+ to VS-) . . . . . . . . . . . . . . . . . . . . . . . . . . . .12V
Maximum Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Input Current (all inputs and references) . . . . . . . . . . . . . . . . . . 4mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +135°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VS+ = +5V, VS- = -5V, TA = +25°C, VIN = 0V, RLD = 1kΩ, CLD = 2.7pF, [RF = 604Ω, RG = 402Ω (EL5178)],
[RF = 402Ω, RG = 274Ω (EL5378)], unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = 2, CLD = 2.7pF
700
MHz
AV = 5, CLD = 2.7pF
80
MHz
AV = 2, CLD = 2.7pF, RLD = 200Ω
320
MHz
BW
±0.1dB Bandwidth
AV = 2, CLD = 2.7pF
45
MHz
SR
Slew Rate, Differential (EL5178)
VOUT = 3VP-P, 20% to 80%
650
850
V/µs
Slew Rate, Differential (EL5378)
VOUT = 3VP-P, 20% to 80%
650
1000
V/µs
TSTL
Settling Time to 0.1%
VOUT = 2VP-P
35
ns
TOVR
Output Overdrive Recovery Time
AV = 2
20
ns
GBWP
Gain Bandwidth Product
350
MHz
VREFBW (-3dB) VREF -3dB Bandwidth (EL5378)
CLD = 2.7pF
110
MHz
VREFSR+
VREF Slew Rate - Rise (EL5378)
VOUT = 2VP-P, 20% to 80%
134
V/µs
VREFSR-
VREF Slew Rate - Fall (EL5378)
VOUT = 2VP-P, 20% to 80%
70
V/µs
VN
Input Voltage Noise
at 10kHz
18
nV/
√Hz
IN
Input Current Noise
at 10kHz
1.5
pA/
√Hz
HD2
Second Harmonic Distortion
VOUT = 2VP-P, 5MHz
-83
dBc
VOUT = 2VP-P, 20MHz
-72
dBc
HD3
Third Harmonic Distortion
VOUT = 2VP-P, 5MHz
-88
dBc
VOUT = 2VP-P, 20MHz
-70
dBc
dG
Differential Gain at 3.58MHz
RLD = 300Ω, AV =2
0.06
%
d
θ
Differential Phase at 3.58MHz
RLD = 300Ω, AV =2
0.13
°
eS
Channel Separation (EL5378)
at F = 1MHz
90
dB
INPUT CHARACTERISTICS
VOS
Input Referred Offset Voltage
±1.9
±30
mV
IIN
Input Bias Current (VIN+, VIN-)
-20
-14
-7
µA
IREF
Input Bias Current (VREF) (EL5378)
VREF = ±3.0V
0.05
2.3
4
µA
RIN
Differential Input Resistance
150
k
Ω
CIN
Differential Input Capacitance
1
pF
DMIR
Differential Mode Input Range (EL5378)
±2.3
V
EL5178, EL5378


Similar Part No. - EL5178IY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5178IY INTERSIL-EL5178IY Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178IYZ INTERSIL-EL5178IYZ Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178IYZ INTERSIL-EL5178IYZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
logo
Renesas Technology Corp
EL5178IYZ RENESAS-EL5178IYZ Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5178IY-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
EL5178ISZ INTERSIL-EL5178ISZ Datasheet
839Kb / 18P
   700MHz Differential Twisted-Pair Drivers
August 19, 2015
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
   250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com