Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS607L Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # RS607L
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

RS607L Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  RS607L Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited RS607L Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.236 (6.0)
.256 (6.5)
.220 (5.6)
.640 (16.3)
.600 (15.2)
.580 (14.7)
.768 (19.5)
.728 (18.5)
.540 (13.7)
.048 (1.2) TYP.
.052 (1.3) DIA.
.180 (4.6)
.083
(2.1)
.750
(19.0)
MIN.
AC
GALAXY ELECTRICAL
FEATURES
Rating to 1000V PRV
Surge overload rating to 150 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
RS603L RS604L RS605L RS606L RS607L
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 3
.0 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
6.0 A
35
5
0
KBL
- 55 ---- + 150
- 55 ---- + 125
IR
RS601L --- RS607L
A
10.0
Lead solderable per MIL-STD-202 method 208
IF(AV)
6.0
SILICON BRIDGE RECTIFIERS
A
RS601L RS602L
50
100
1.0
1.0
150.0
IFSM
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0287019
1.
inch(mm)


Similar Part No. - RS607L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
RS607L LUGUANG-RS607L Datasheet
159Kb / 2P
   Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
RS607L DSK-RS607L Datasheet
105Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
RS607L ZSELEC-RS607L Datasheet
83Kb / 2P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
RS607L RECTRON-RS607L Datasheet
85Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
2021--07 REV:C
More results

Similar Description - RS607L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com