Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8171FSZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL8171FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8171FSZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL8171FSZ Datasheet HTML 1Page - Intersil Corporation EL8171FSZ Datasheet HTML 2Page - Intersil Corporation EL8171FSZ Datasheet HTML 3Page - Intersil Corporation EL8171FSZ Datasheet HTML 4Page - Intersil Corporation EL8171FSZ Datasheet HTML 5Page - Intersil Corporation EL8171FSZ Datasheet HTML 6Page - Intersil Corporation EL8171FSZ Datasheet HTML 7Page - Intersil Corporation EL8171FSZ Datasheet HTML 8Page - Intersil Corporation EL8171FSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6293.3
August 3, 2007
VENH
EN Pin for Shut-down
2
V
IENH
EN Pin for Shut-down
0.5
µA
VENL
EN Pin for Power-on
0.8
V
IENL
EN Pin for Power-on
0.5
µA
VSUPPLY
Supply Operating Range
V+ to V- (Note 2)
2.4
5.5
V
IO+
Output Source Current into 10
Ω to V+/2 V+ = 5V
23
19
32
mA
V+ = 2.4V
6
4.5
8mA
IO-
Output Sink Current into 10
Ω to V
+/2
V+ = 5V
19
15
26
mA
V+ = 2.4V
5
4
7mA
AC SPECIFICATIONS
-3dB BW
-3dB Bandwidth
EL8171
Gain = 10V/V
450
kHz
Gain = 20
210
kHz
Gain = 50
66
kHz
Gain = 100
33
kHz
EL8172
Gain = 100
170
kHz
Gain = 200
70
kHz
Gain = 500
25
kHz
Gain = 1000
12
kHz
eN
Input Noise Voltage
EL8171
f = 0.1Hz to 10Hz
14
µVP-P
EL8172
10
µVP-P
Input Noise Voltage Density
EL8171
fo = 1kHz
220
nV/
√Hz
EL8172
80
nV/
√Hz
iN
Input Noise Current Density
EL8171, fo = 1kHz
0.9
pA/
√Hz
EL8172, fo = 1kHz
0.2
pA/
√Hz
CMRR @ 60Hz
Input Common Mode Rejection Ratio
EL8171
VCM = 1VPP,
RL = 10kΩ to VCM
85
dB
EL8172
100
dB
PSRR+ @
120Hz
Power Supply Rejection Ratio (V+)
EL8171
V+, V- = ±2.5V,
VSOURCE = 1VPP,
RL = 10kΩ to VCM
90
dB
EL8172
92
dB
PSRR- @
120Hz
Power Supply Rejection Ratio (V-)
EL8171
V+, V- = ±2.5V,
VSOURCE = 1VPP,
RL = 10kΩ to VCM
97
dB
EL8172
92
dB
TRANSIENT RESPONSE
SR
Slew Rate
RL = 1kΩ to GND
0.4
0.35
0.55
0.7
0.7
V/µs
NOTES:
1. Parts are 100% tested at +25°C. Over temperature limits established by characterization and are not production tested.
2. VSUPPLY = +5.25V max when VENL = +V (device in disable state).
Electrical Specifications
V+ = +5V, V- = GND, VCM = 1/2V+ VEN = V-, RL = Open, TA = +25°C, unless otherwise specified. Boldface
limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
EL8171, EL8172


Similar Part No. - EL8171FSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8171FSZ INTERSIL-EL8171FSZ Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8171FSZ RENESAS-EL8171FSZ Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results

Similar Description - EL8171FSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8171 INTERSIL-EL8171_06 Datasheet
828Kb / 11P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com