Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5375IU Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5375IU
Description  550MHz Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5375IU Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5375IU Datasheet HTML 5Page - Intersil Corporation EL5375IU Datasheet HTML 6Page - Intersil Corporation EL5375IU Datasheet HTML 7Page - Intersil Corporation EL5375IU Datasheet HTML 8Page - Intersil Corporation EL5375IU Datasheet HTML 9Page - Intersil Corporation EL5375IU Datasheet HTML 10Page - Intersil Corporation EL5375IU Datasheet HTML 11Page - Intersil Corporation EL5375IU Datasheet HTML 12Page - Intersil Corporation EL5375IU Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN7306.6
FIGURE 13. CHANNEL ISOLATION vs FREQUENCY
(EL5375 ONLY)
FIGURE 14. HARMONIC DISTORTION vs OUTPUT VOLTAGE
FIGURE 15. HARMONIC DISTORTION vs LOAD RESISTANCE
FIGURE 16. HARMONIC DISTORTION vs FREQUENCY
FIGURE 17. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 18. LARGE SIGNAL TRANSIENT RESPONSE
Typical Performance Curves (Continued)
0
-20
-60
-80
-100
100K
1M
FREQUENCY (Hz)
100M
1G
-40
10M
CH1
↔CH2, CH2↔CH3
CH1
↔CH3
VS=±5V
f=5MHz
RL=500Ω
1357
VOP-P (V)
-40
-50
-60
-70
-80
-100
HD2
(AV=
2)
246
-90
HD2
(AV=1
)
HD3
(AV=2
)
HD
3 (
AV
=1
)
HD2 (AV=2)
HD3 (A
V=2)
HD3 (AV=1)
100
400
800
1K
RLOAD (Ω)
-50
-100
200
600
900
500
300
700
-60
-70
-80
-90
HD2 (AV=1)
VS=±5V
f=5MHz
VOP-P=1V (AV=1)
VOP-P=2V (AV=2)
HD
2 (AV
=2)
015
35
40
RLOAD (Ω)
-50
-100
525
20
10
30
-60
-70
-80
-90
VS=±5V
RL=500Ω
VOP-P=1V (AV=1)
VOP-P=2V (AV=2)
HD2 (
AV=1
)
HD
3 (A
V
=2)
HD
3 (AV
=1)
10ns/DIV
50mV/DIV
10ns/DIV
0.5V/DIV
EL5175, EL5375


Similar Part No. - EL5375IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5375IU INTERSIL-EL5375IU Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5375IU RENESAS-EL5375IU Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
logo
Intersil Corporation
EL5375IUZ INTERSIL-EL5375IUZ Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5375IUZ RENESAS-EL5375IUZ Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
More results

Similar Description - EL5375IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5175 INTERSIL-EL5175 Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5175 RENESAS-EL5175 Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com