Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8102 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL8102
Description  500MHz Rail-to-Rail Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8102 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL8102 Datasheet HTML 3Page - Intersil Corporation EL8102 Datasheet HTML 4Page - Intersil Corporation EL8102 Datasheet HTML 5Page - Intersil Corporation EL8102 Datasheet HTML 6Page - Intersil Corporation EL8102 Datasheet HTML 7Page - Intersil Corporation EL8102 Datasheet HTML 8Page - Intersil Corporation EL8102 Datasheet HTML 9Page - Intersil Corporation EL8102 Datasheet HTML 10Page - Intersil Corporation EL8102 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN7104.7
August 10, 2007
FIGURE 17. HARMONIC DISTORTION vs OUTPUT VOLTAGE
FIGURE 18. HARMONIC DISTORTION vs LOAD RESISTANCE
FIGURE 19. HARMONIC DISTORTION vs FREQUENCY
FIGURE 20. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 21. LARGE SIGNAL TRANSIENT
RESPONSE - RISING
FIGURE 22. LARGE SIGNAL TRANSIENT
RESPONSE - FALLING
Typical Performance Curves (Continued)
-60
-70
-80
-100
15
VO(P-P) (V)
VS = 5V
RL = 1kΩ
CL = 5pF
AV = 2
-90
34
2
HD2@10MHz
HD2@5MHz
HD2
@1M
Hz
HD3@10M
Hz
HD3@
5MHz
HD3@1MHz
-70
-75
-90
-100
100
2K
RLOAD (Ω)
-95
1K
VO = 1VP-P FOR AV = 1
VO = 2VP-P FOR AV = 2
-85
-80
HD2@
A
V=
2
HD2@A
V=
1
HD3@A
V=
2
HD3@A
V=
1
VS = 5V
f = 5MHz
-50
-70
-90
-60
-100
140
FREQUENCY (MHz)
VS = 5V
RL = 1kΩ
CL = 5pF
VO = 1VP-P FOR AV = 1
VO = 2VP-P FOR AV = 2
10
HD2@A
V=
2
-80
HD2@AV=1
HD3@AV=2
HD3
@AV
=1
1k
100
1
10
100
10k
100k
10M
FREQUENCY (Hz)
eN
10
1k
1M
IN+
IN-
2ns/DIV
1.5
2.5
3.5
VS = 5V, AV = 1, RL = 1kΩ TO 2.5V, CL = 5pF
2ns/DIV
1.5
2.5
3.5
VS = 5V, AV = 1, RL = 1kΩ TO 2.5V, CL = 5pF
EL8102, EL8103


Similar Part No. - EL8102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8102IS INTERSIL-EL8102IS Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8102IS INTERSIL-EL8102IS Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com