Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5375IUZ-T13 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL5375IUZ-T13
Description  550MHz Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5375IUZ-T13 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL5375IUZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5375IUZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Connection Diagrams
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
REF1
INP1
INN1
NC
REF2
INP2
INN2
NC
REF3
INP3
INN3
NC
NC
FB1
OUT1
NC
VSP
VSN
NC
FB2
OUT2
EN
FB3
OUT3
RSR3
50
Ω
RSN3
50
Ω
RSP3
50
Ω
RSR2
50
Ω
RSN2
50
Ω
RSP2
50
Ω
RSR1
50
Ω
RSN1
50
Ω
RSP1
50
Ω
REF1
INP1
INN1
REF2
INP2
INN2
REF3
INP3
INN3
+5V
CL2
2.7pF
CL3
2.7pF
OUT3
OUT1
RG
RF
RL1
500
Ω
CL1
2.7pF
-5V
OUT2
RG
RF
RL2
500
Ω
ENABLE
RL3
500
Ω
RG
RF
FB
INP
INN
REF
OUT
VSN
VSP
EN
1
2
3
4
8
7
6
5
INP
INN
REF
RG
RS2
50
Ω
RS3
50
Ω
EN
VOUT
-5V
+5V
RS2
50
Ω
CL
2.7pF
RL
500
Ω
RF=
EL5175
EL5175


Similar Part No. - EL5375IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5375IUZ INTERSIL-EL5375IUZ Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5375IUZ RENESAS-EL5375IUZ Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
More results

Similar Description - EL5375IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5175 INTERSIL-EL5175 Datasheet
441Kb / 15P
   550MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5175 RENESAS-EL5175 Datasheet
753Kb / 15P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com