Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7515IY-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL7515IY-T7
Description  High Frequency PWM Step-Up Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7515IY-T7 Datasheet(HTML) 8 Page - Intersil Corporation

  EL7515IY-T7 Datasheet HTML 1Page - Intersil Corporation EL7515IY-T7 Datasheet HTML 2Page - Intersil Corporation EL7515IY-T7 Datasheet HTML 3Page - Intersil Corporation EL7515IY-T7 Datasheet HTML 4Page - Intersil Corporation EL7515IY-T7 Datasheet HTML 5Page - Intersil Corporation EL7515IY-T7 Datasheet HTML 6Page - Intersil Corporation EL7515IY-T7 Datasheet HTML 7Page - Intersil Corporation EL7515IY-T7 Datasheet HTML 8Page - Intersil Corporation EL7515IY-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN7120.2
August 10, 2007
The boost converter output voltage is determined by the
relationship in Equation 8:
where VFB slightly changes with VDD. The curve is shown in
this data sheet.
RC Filter
The maximum voltage rating for the VDD pin is 12V and is
recommended to be about 10V for maximum efficiency to
drive the internal MOSFET. The series resistor R4 in the RC
filter connected to VDD can be utilized to reduce the voltage.
If VO is larger than 10V, then Equation 9 shows:
where IDD is shown in IDD vs fS curve. Otherwise, R4 can be
10
Ω to 51Ω with C4 = 0.1µF.
Thermal Performance
The EL7515 uses a fused-lead package, which has a
reduced
θJA of +100°C/W on a four-layer board and
+115°C/W on a two-layer board. Maximizing copper around
the ground pins will improve the thermal performance.
This chip also has internal thermal shut-down set at around
+135°C to protect the component.
Layout Considerations
The layout is very important for the converter to function
properly. Power Ground (
) and Signal Ground (
) should
be separated to ensure that the high pulse current in the
Power Ground never interferes with the sensitive signals
connected to Signal Ground. They should only be connected
at one point.
The trace connected to pin 8 (FB) is the most sensitive trace.
It needs to be as short as possible and in a “quiet” place,
preferably between PGND or SGND traces.
In addition, the bypass capacitor connected to the VDD pin
needs to be as close to the pin as possible.
The heat of the chip is mainly dissipated through the SGND
pin. Maximizing the copper area around it is preferable. In
addition, a solid ground plane is always helpful for the EMI
performance.
The demo board is a good example of layout based on these
principles. Please refer to the EL7515 Application Brief for
the layout. http://www.intersil.com/data/tb/tb429.pdf
VOUT
VFB 1
R2
R1
-------
+
⎝⎠
⎜⎟
⎛⎞
×
=
(EQ. 8)
R4
VO 10
IDD
---------------------
=
(EQ. 9)
EL7515


Similar Part No. - EL7515IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515IY-T7 INTERSIL-EL7515IY-T7 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515IY-T7 RENESAS-EL7515IY-T7 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
More results

Similar Description - EL7515IY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7515 INTERSIL-EL7515 Datasheet
316Kb / 9P
   High Frequency PWM Step-Up Regulator
logo
Renesas Technology Corp
EL7515 RENESAS-EL7515 Datasheet
492Kb / 9P
   High Frequency PWM Step-Up Regulator
EL7512 RENESAS-EL7512 Datasheet
501Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
Elantec Semiconductor
EL7512C ELANTEC-EL7512C Datasheet
1Mb / 9P
   High Frequency PWM Step-Up Regulator
logo
Intersil Corporation
EL7512 INTERSIL-EL7512 Datasheet
249Kb / 8P
   High Frequency PWM Step-Up Regulator
logo
ON Semiconductor
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S8337 SII-S8337 Datasheet
2Mb / 51P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8337 ABLIC-S-8337 Datasheet
452Kb / 45P
   STEP-UP, 1.2 MHz HIGH-FREQUENCY, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.5.0_00
logo
Intersil Corporation
EL7516IY INTERSIL-EL7516IY Datasheet
195Kb / 12P
   600kHz/1.2MHz PWM Step-Up Regulator
October 9, 2007
ISL97519A INTERSIL-ISL97519A Datasheet
373Kb / 9P
   600kHz/1.2MHz PWM Step-Up Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com