Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8108IL-T13 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL8108IL-T13
Description  Video Distribution Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8108IL-T13 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL8108IL-T13 Datasheet HTML 3Page - Intersil Corporation EL8108IL-T13 Datasheet HTML 4Page - Intersil Corporation EL8108IL-T13 Datasheet HTML 5Page - Intersil Corporation EL8108IL-T13 Datasheet HTML 6Page - Intersil Corporation EL8108IL-T13 Datasheet HTML 7Page - Intersil Corporation EL8108IL-T13 Datasheet HTML 8Page - Intersil Corporation EL8108IL-T13 Datasheet HTML 9Page - Intersil Corporation EL8108IL-T13 Datasheet HTML 10Page - Intersil Corporation EL8108IL-T13 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN7417.2
January 29, 2008
FIGURE 19. FREQUENCY RESPONSE WITH VARIOUS CL
(1/2 POWER MODE)
FIGURE 20. CHANNEL SEPARATION vs FREQUENCY
FIGURE 21. PSRR vs FREQUENCY
FIGURE 22. TRANSIMPEDANCE (ROL) vs FREQUENCY
FIGURE 23. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 24. OUTPUT IMPEDANCE vs FREQUENCY
Typical Performance Curves (Continued)
24
22
20
18
16
14
12
10
8
6
4
100k
1M
10M
100M
500M
FREQUENCY (Hz)
VS = ±6V, AV = 5
RL = 50Ω
RF = 750Ω
CL = 47pF
CL = 37pF
CL = 12pF
CL = 0pF
-10
-30
-50
-70
-90
-110
10k
100k
1M
10M
100M
FREQUENCY (Hz)
A
B
B
A
-10
-30
-50
-70
-90
-110
100k
1M
10M
10M
100M
FREQUENCY (Hz)
200M
PSRR-
PSRR+
10M
3M
300k
100k
30k
-110
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100M
10k
3k
1k
200
150
100
50
0
-50
-100
-150
-200
PHASE
GAIN
1000
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100
10
0.0001
0.1
1
10
100
EN
IN-
IN+
0.001
0.01
10
1
0.1
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = ±6V, AV = 1
RF = 750Ω
EL8108


Similar Part No. - EL8108IL-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8108IL-T13 INTERSIL-EL8108IL-T13 Datasheet
597Kb / 12P
   Video Distribution Amplifier
logo
Renesas Technology Corp
EL8108IL-T13 RENESAS-EL8108IL-T13 Datasheet
677Kb / 14P
   Video Distribution Amplifier
More results

Similar Description - EL8108IL-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8108 INTERSIL-EL8108 Datasheet
597Kb / 12P
   Video Distribution Amplifier
logo
Elantec Semiconductor
EL2099C ELANTEC-EL2099C Datasheet
355Kb / 16P
   Video Distribution Amplifier
logo
Intersil Corporation
EL2099 INTERSIL-EL2099 Datasheet
245Kb / 12P
   Video Distribution Amplifier
5962-0721201QXC INTERSIL-5962-0721201QXC Datasheet
229Kb / 10P
   Video Distribution Amplifier
logo
Renesas Technology Corp
EL8108 RENESAS-EL8108 Datasheet
677Kb / 14P
   Video Distribution Amplifier
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
   VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
   Video Amplifier
March, 2016 ??Rev. 5
logo
NXP Semiconductors
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
   Video amplifier
April 15, 1992
logo
Agamem Microelectronic ...
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
   VIDEO AMPLIFIER
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
   VIDEO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com