Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6208CW Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL6208CW
Description  Dual Push-Pull Laser Driver Oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6208CW Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL6208CW Datasheet HTML 3Page - Intersil Corporation EL6208CW Datasheet HTML 4Page - Intersil Corporation EL6208CW Datasheet HTML 5Page - Intersil Corporation EL6208CW Datasheet HTML 6Page - Intersil Corporation EL6208CW Datasheet HTML 7Page - Intersil Corporation EL6208CW Datasheet HTML 8Page - Intersil Corporation EL6208CW Datasheet HTML 9Page - Intersil Corporation EL6208CW Datasheet HTML 10Page - Intersil Corporation EL6208CW Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
7374.1
August 10, 2007
noise on the power lines is common. There needs to be a
lossy bead inductance and secondary bypass on the supply
side to control signals from propagating down the wires.
Figure 20 shows the typical connection.
FIGURE 20. RECOMMENDED SUPPLY BYPASSING
Also important is circuit-board layout. At the EL6208's
operating frequencies, even the ground plane is not
low-impedance. High frequency current will create voltage
drops in the ground plane. Figure 21 shows the output
current loops.
FIGURE 21. OUTPUT CURRENT LOOPS
For the pushing current loop, the current flows through the
bypass capacitor, into the EL6208 supply pin, out the IOUT
pin to the laser, and from the laser back to the decoupling
capacitor. This loop should be small.
For the pulling current loop, the current flows into the IOUT
pin, out of the ground pin, to the laser cathode, and from the
laser diode back to the IOUT pin. This loop should also be
small.
Power Dissipation
With the high output drive capability, the EL6208 is possible
to exceed the +125°C “absolute-maximum junction
temperature” under certain conditions. Therefore, it is
important to calculate the maximum junction temperature for
the application to determine if the conditions need to be
modified for the oscillator to remain in the safe operating
area.
The maximum power dissipation allowed in a package is
determined according to Equation 1:
where:
PDMAX = Maximum power dissipation in the package
TJMAX = Maximum junction temperature
TAMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
The supply current of the EL6208 depends on the peak-to-
peak output current and the operating frequency which are
determined by resistors RAMP and RFREQ. The supply
current can be predicted approximately by Equation 2:
The power dissipation can be calculated from Equation 3:
Here, VSUP is the supply voltage. Figures 22 and provide a
convenient way to see if the device will overheat. The
maximum safe power dissipation can be found graphically,
based on the package type and the ambient temperature. By
using the previous equation, it is a simple matter to see if PD
exceeds the device's power derating curve. To ensure
proper operation, it is important to observe the
recommended derating curve shown in Figures 22 and . A
flex circuit may have a higher
θJA, and lower power
dissipation would then be required.
FIGURE 22. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
+5V
VS
L SERIES: 70
Ω REACTANCE AT 300MHz
0.1µF
CHIP
EL6208
GND
0.1µF
CHIP
SINKING CURRENT LOOP
SOURCING CURRENT LOOP
SUPPLY
BYPASS
LASER
DIODE
RFREQ
RAMP
GND
P
DMAX
T
JMAX - TAMAX
Θ
JA
---------------------------------------------
=
(EQ. 1)
I
SUP
31.25mA
1k
Ω
×
R
AMP
-------------------------------------------
30mA
1k
Ω
×
R
FREQ
----------------------------------
0.6mA
++
=
(EQ. 2)
P
D
V
SUP
I
SUP
×
=
(EQ. 3)
0.6
0.5
0.4
0.3
0.2
0.1
0
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
488mW
6
Ld
SO
T-2
3
θ
JA
=
+2
56
C/W
EL6208


Similar Part No. - EL6208CW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL6208CW RENESAS-EL6208CW Datasheet
638Kb / 11P
   Dual Push-Pull Laser Driver Oscillator
August 10, 2007
logo
Intersil Corporation
EL6208CW-T7 INTERSIL-EL6208CW-T7 Datasheet
724Kb / 10P
   Dual Push-Pull Laser Driver Oscillator
logo
Renesas Technology Corp
EL6208CW-T7 RENESAS-EL6208CW-T7 Datasheet
638Kb / 11P
   Dual Push-Pull Laser Driver Oscillator
August 10, 2007
logo
Intersil Corporation
EL6208CW-T7A INTERSIL-EL6208CW-T7A Datasheet
724Kb / 10P
   Dual Push-Pull Laser Driver Oscillator
logo
Renesas Technology Corp
EL6208CW-T7A RENESAS-EL6208CW-T7A Datasheet
638Kb / 11P
   Dual Push-Pull Laser Driver Oscillator
August 10, 2007
More results

Similar Description - EL6208CW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL6208 RENESAS-EL6208 Datasheet
638Kb / 11P
   Dual Push-Pull Laser Driver Oscillator
August 10, 2007
logo
Intersil Corporation
EL6208 INTERSIL-EL6208 Datasheet
724Kb / 10P
   Dual Push-Pull Laser Driver Oscillator
EL6207 INTERSIL-EL6207 Datasheet
93Kb / 7P
   Dual Laser Driver Oscillator
logo
STMicroelectronics
L293C STMICROELECTRONICS-L293C Datasheet
74Kb / 5P
   PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com