Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7641ILTZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7641ILTZ
Description  TFT-LCD DC/DC with Integrated Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7641ILTZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL7641ILTZ Datasheet HTML 3Page - Intersil Corporation EL7641ILTZ Datasheet HTML 4Page - Intersil Corporation EL7641ILTZ Datasheet HTML 5Page - Intersil Corporation EL7641ILTZ Datasheet HTML 6Page - Intersil Corporation EL7641ILTZ Datasheet HTML 7Page - Intersil Corporation EL7641ILTZ Datasheet HTML 8Page - Intersil Corporation EL7641ILTZ Datasheet HTML 9Page - Intersil Corporation EL7641ILTZ Datasheet HTML 10Page - Intersil Corporation EL7641ILTZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN7415.2
February 22, 2006
Typical Performance Curves
FIGURE 1. BOOST EFFICIENCY AT VOUT = 12V (PI MODE)
FIGURE 2. BOOST EFFICIENCY AT VOUT = 12V (P MODE)
FIGURE 3. BOOST LOAD REGULATION vs LOAD CURRENT
(PI MODE)
FIGURE 4. BOOST LOAD REGULATION vs LOAD CURRENT
(P MODE)
FIGURE 5. BOOST LINE REGULATION vs INPUT VOLTAGE
(PI MODE)
FIGURE 6. BOOST LINE REGULATION vs INPUT VOLTAGE
(P MODE)
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
VIN=5V
VIN=3V
78
80
82
84
86
88
90
92
94
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
VIN=5V
VIN=3V
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
VIN=5V
VIN=3V
-14
-12
-10
-8
-6
-4
-2
0
0
200
400
600
800
1000
1200
LOAD CURRENT (mA)
VIN=3.3V
VIN=5.0V
0
0.02
0.04
0.06
0.08
0.1
0.12
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
0.5
0
1
1.5
2
2.5
3.5
33.5
44.5
5
5.5
6
INPUT VOLTAGE (V)
3
EL7640, EL7641, EL7642


Similar Part No. - EL7641ILTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7641ILTZ INTERSIL-EL7641ILTZ Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7641ILTZ RENESAS-EL7641ILTZ Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
EL7641ILTZ-T13 INTERSIL-EL7641ILTZ-T13 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7641ILTZ-T13 RENESAS-EL7641ILTZ-T13 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
EL7641ILTZ-T7 INTERSIL-EL7641ILTZ-T7 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results

Similar Description - EL7641ILTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
ISL97642 INTERSIL-ISL97642 Datasheet
308Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A INTERSIL-EL7640A Datasheet
457Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7640 RENESAS-EL7640 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A RENESAS-EL7640A Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL78020 RENESAS-ISL78020 Datasheet
937Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Intersil Corporation
ISL78020 INTERSIL-ISL78020 Datasheet
314Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
ISL78020ANZ INTERSIL-ISL78020ANZ Datasheet
347Kb / 19P
   Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
December 23, 2013
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com