Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8100IWZ-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL8100IWZ-T7
Description  200MHz Rail-to-Rail Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8100IWZ-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL8100IWZ-T7 Datasheet HTML 3Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 4Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 5Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 9Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 10Page - Intersil Corporation EL8100IWZ-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN7103.8
August 10, 2007
FIGURE 17. HARMONIC DISTORTION vs LOAD RESISTANCE
FIGURE 18. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 19. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 20. OUTPUT SWING
FIGURE 21. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 22. OUTPUT SWING
Typical Performance Curves (Continued)
-60
-75
-90
-65
-100
100
2K
RLOAD (Ω)
-95
1K
VS = 5V
VO = 1VP-P for AV = 1
VO = 2VP-P for AV = 2
-70
-85
-80
HD2@A
V=
2
HD2@A
V=1
HD3@
A
V=2
HD
3@
A
V =1
1k
1
100
0.1
10
100
10k
100k
10M
FREQUENCY (Hz)
eN
10
1k
1M
IN+
IN-
VS = 5V, AV = 1, RL = 1kΩ TO 2.5V
10ns/DIV
0
5
2.5
VS = 5V, AV = 5, RL = 1kΩ TO 2.5V
2µs/DIV
0
5
2.5
VS = 5V, AV = 1, RL = 1kΩ TO 2.5V CL=5pF
10ns/DIV
2.4
2.5
2.6
VS = 5V, AV = 5, RL = 1kΩ TO 2.5V
2µs/DIV
0
5
2.5
EL8100, EL8101


Similar Part No. - EL8100IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8100IWZ-T7 INTERSIL-EL8100IWZ-T7 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8100IWZ-T7 INTERSIL-EL8100IWZ-T7 Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Renesas Technology Corp
EL8100IWZ-T7 RENESAS-EL8100IWZ-T7 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100IWZ-T7A INTERSIL-EL8100IWZ-T7A Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8100IWZ-T7A INTERSIL-EL8100IWZ-T7A Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
More results

Similar Description - EL8100IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com