Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8103IWZ-T7A Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL8103IWZ-T7A
Description  500MHz Rail-to-Rail Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8103IWZ-T7A Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL8103IWZ-T7A Datasheet HTML 2Page - Intersil Corporation EL8103IWZ-T7A Datasheet HTML 3Page - Intersil Corporation EL8103IWZ-T7A Datasheet HTML 4Page - Intersil Corporation EL8103IWZ-T7A Datasheet HTML 5Page - Intersil Corporation EL8103IWZ-T7A Datasheet HTML 6Page - Intersil Corporation EL8103IWZ-T7A Datasheet HTML 7Page - Intersil Corporation EL8103IWZ-T7A Datasheet HTML 8Page - Intersil Corporation EL8103IWZ-T7A Datasheet HTML 9Page - Intersil Corporation EL8103IWZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7104.7
August 10, 2007
FIGURE 11. POWER SUPPLY REJECTION
RATIO vs FREQUENCY
FIGURE 12. SMALL SIGNAL BANDWIDTH vs
SUPPLY VOLTAGE
FIGURE 13. OUPUT IMPEDANCE vs FREQUENCY
FIGURE 14. SMALL SIGNAL PEAKING vs SUPPLY VOLTAGE
FIGURE 15. COMMON-MODE REJECTION RATIO vs
FREQUENCY
FIGURE 16. SUPPLY CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
-10
-30
-50
-70
-90
-110
1k
10k
10M
100M
FREQUENCY (Hz)
100k
1M
PSRR-
PSRR+
550
400
350
500
200
150
3.03.5
4.55.0
5.5
VS (V)
RL = 1kΩ
CL = 5pF
AV = 1
AV = 2
450
300
250
4.0
100
10
1
0.1
0.01
10k
100k
1M
10M
FREQUENCY (Hz)
100M
2.5
1.5
0
3.0
3.5
4.5
5.0
5.5
VS (V)
RL = 1k
CL = 5pF
AV = 1
AV = 2
2.0
1.0
0.5
4.0
-15
-35
-55
-75
-95
-115
100k
1M
10M
100M
FREQUENCY (Hz)
10
4
8
0
01
34
5.5
VS (V)
6
2
2
0.5
1.5
3.5
4.5
5
2.5
EL8102, EL8103


Similar Part No. - EL8103IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8103IWZ-T7A INTERSIL-EL8103IWZ-T7A Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8103IWZ-T7A INTERSIL-EL8103IWZ-T7A Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8103IWZ-T7A RENESAS-EL8103IWZ-T7A Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8103IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102_05 Datasheet
377Kb / 12P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8202 RENESAS-EL8202 Datasheet
945Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
5962-0721301QHC INTERSIL-5962-0721301QHC Datasheet
133Kb / 6P
   500MHz Rail-to-Rail Amplifiers
EL8102 INTERSIL-EL8102 Datasheet
221Kb / 12P
   500MHz Rail-to-Rail Amplifiers
EL8403 INTERSIL-EL8403 Datasheet
739Kb / 16P
   500MHz Rail-to-Rail Amplifiers
5962-0721301QXC INTERSIL-5962-0721301QXC Datasheet
131Kb / 5P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8102 RENESAS-EL8102 Datasheet
752Kb / 14P
   500MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8403 INTERSIL-EL8403 Datasheet
740Kb / 16P
   500MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
5962-0623501 RENESAS-5962-0623501 Datasheet
237Kb / 4P
   500MHz Rail-to-Rail Amplifiers
November 3, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com