Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8M Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # KBU8M
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBU8M Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  KBU8M Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBU8M Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.180(4.6)
.220(5.6)
_
~~
+
.160(4.1)
.140(3.6)
1.0(25.4)Min
.760(19.3)Max
+
+
.700(17.8)
.660(16.8)
.260(6.6)
.180(4.5)
.405(10.3)
.455(11.3)
.085(2.2)
.065(1.7)
.165(4.2)
.185(4.7)
.933(23.7)
.894(22.7)
.075(1.9)R.TYP.
(2 PLACES)
.048(1.2)
.052(1.3)
.185(4.7)
.205(5.2)
.280(7.1)
.260(6.6)
45
0
GALAXY ELECTRICAL
FEATURES
Rating to 1000V PRV
Surge overload rating to
250 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
KBU
8D
KBU
8G
KBU
8J
KBU
8K
KBU
8M
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
output current
@T
A=50
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
@ 4.0 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
KBU
8A
KBU
8B
50
100
IFSM
- 55 ---- + 150
- 55 ---- + 125
KBU8A---KBU8M
A
10.0
Lead solderable per MIL-STD-202 method 208
IF(AV)
SILICON BRIDGE RECTIFIERS
A
IR
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 8.0A
35
50
KBU
8.0
2
50.0
1.0
1.0
www.galaxycn.com
Dimensions in inches and (mm)
BL
BLGALAXY ELECTRICAL
Document Number 0287024
1.


Similar Part No. - KBU8M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBU8M SEMTECH-KBU8M Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
GeneSiC Semiconductor, ...
KBU8M GENESIC-KBU8M Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
logo
SeCoS Halbleitertechnol...
KBU8M SECOS-KBU8M Datasheet
97Kb / 2P
   VOLTAGE 50V ~ 1000V 8AMP Glass Passivated Bridge Rectifiers
logo
Fairchild Semiconductor
KBU8M FAIRCHILD-KBU8M Datasheet
175Kb / 3P
   Bridge Rectifiers
KBU8M FAIRCHILD-KBU8M Datasheet
30Kb / 3P
   8.0 Ampere Silicon Bridge Rectifiers
More results

Similar Description - KBU8M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com