Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC1001W Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # KBPC1001W
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBPC1001W Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  KBPC1001W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBPC1001W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
1.2
1.4
1.6
1.8
.01
0.1
1.0
 
TJ=25
Pulse Width
=300uS
0.6
0.8
10
2.0
100
10
040
60
20
100
120
140
80
TJ=25
0.1
1.0
.01
Tc=100
0
2
4
050
100
TA=50
6
8
150
Resistive or
Inductive Load
Tc=50
10
CA
SE
0
1
100
10
8.3ms Single Half Sine Wave
TJ=125
30
60
90
120
150
RATINGSANDCHARACTERISTIC CURVES
KBPC10005(W) - - - KBPC1010(W)
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.2 -- FORWARD DERATING CURVE
FIG.1 -- PEAK FORWARD SURGE CURRENT
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 028703
7
2.


Similar Part No. - KBPC1001W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC1001W WTE-KBPC1001W Datasheet
47Kb / 3P
   10A HIGH CURRENT BRIDGE RECTIFIER
logo
Diotec Semiconductor
KBPC1001W DIOTEC-KBPC1001W Datasheet
153Kb / 2P
   Silicon-Bridge Rectifiers
logo
Won-Top Electronics
KBPC1001W WTE-KBPC1001W Datasheet
54Kb / 4P
   10A SINGLE-PHASE BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
KBPC1001W SEMTECH_ELEC-KBPC1001W Datasheet
329Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
RFE international
KBPC1001W RFE-KBPC1001W Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
More results

Similar Description - KBPC1001W

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com