Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV031B Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV031B
Description  3V LVDS Quad CMOS Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV031B Datasheet(HTML) 7 Page - National Semiconductor (TI)

  DS90LV031B_05 Datasheet HTML 1Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 2Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 3Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 4Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 5Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 6Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 7Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 8Page - National Semiconductor (TI) DS90LV031B_05 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Applications Information (Continued)
2.
Terminated Input. If the driver is disconnected (cable
unplugged), or if the driver is in a TRI-STATE or power-
off condition, the receiver output will again be in a HIGH
state, even with the end of cable 100
Ω termination re-
sistor across the input pins. The unplugged cable can
become a floating antenna which can pick up noise. If
the cable picks up more than 10mV of differential noise,
the receiver may see the noise as a valid signal and
switch. To insure that any noise is seen as common-
mode and not differential, a balanced interconnect
should be used. Twisted pair cable will offer better bal-
ance than flat ribbon cable.
3.
Shorted Inputs. If a fault condition occurs that shorts
the receiver inputs together, thus resulting in a 0V differ-
ential input voltage, the receiver output will remain in a
HIGH state. Shorted input fail-safe is not supported
across the common-mode range of the device (GND to
2.4V). It is only supported with inputs shorted and no
external common-mode voltage applied.
External lower value pull up and pull down resistors (for a
stronger bias) may be used to boost fail-safe in the presence
of higher noise levels. The pull up and pull down resistors
should be in the 5k
Ω to 15kΩ range to minimize loading and
waveform distortion to the driver. The common-mode bias
point should be set to approximately 1.2V (less than 1.75V)
to be compatible with the internal circuitry.
Pin Descriptions
Pin No.
Name
Description
1, 7, 9, 15
D
IN
Driver input pin, TTL/CMOS
compatible
2, 6, 10, 14
D
OUT+
Non-inverting driver output pin,
LVDS levels
3, 5, 11, 13
D
OUT−
Inverting driver output pin, LVDS
levels
4
EN
Active high enable pin, OR-ed
with EN*
12
EN*
Active low enable pin, OR-ed with
EN
16
V
CC
Power supply pin, +3.3V ± 0.3V
8
GND
Ground pin
Ordering Information
Operating
Package Type/
Order Number
Temperature
Number
−40˚C to +85˚C
SOP/M16A
DS90LV031BTM
10131109
FIGURE 7. Driver Output Levels
www.national.com
7


Similar Part No. - DS90LV031B_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031BTM NSC-DS90LV031BTM Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031BTMTC NSC-DS90LV031BTMTC Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031B_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com