Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV031BTM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90LV031BTM
Description  3V LVDS Quad CMOS Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV031BTM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90LV031BTM Datasheet HTML 1Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 2Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 3Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 4Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 5Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 6Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 7Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 8Page - National Semiconductor (TI) DS90LV031BTM Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS90LV031B
3V LVDS Quad CMOS Differential Line Driver
General Description
The DS90LV031B is a quad CMOS differential line driver
designed for applications requiring ultra low power dissipa-
tion and high data rates. The device is designed to support
data rates in excess of 400 Mbps (200 MHz) utilizing Low
Voltage Differential Signaling (LVDS) technology.
The DS90LV031B accepts low voltage TTL/CMOS input lev-
els and translates them to low voltage (350 mV) differential
output signals. In addition the driver supports a TRI-STATE®
function that may be used to disable the output stage, dis-
abling the load current, and thus dropping the device to an
ultra low idle power state of 13 mW typical. The
DS90LV031B is enhanced over the DS90LV031A in that the
inputs are further ruggedized for excessive undershoot.
The EN and EN* inputs allow active Low or active High
control of the TRI-STATE outputs. The enables are common
to all four drivers. The DS90LV031B and companion line
receiver (DS90LV032A) provide a new alternative to high
power pseudo-ECL devices for high speed point-to-point
interface applications.
Features
n >
400 Mbps (200 MHz) switching rates
n
0.1 ns typical differential skew
n
0.4 ns maximum differential skew
n
2.0 ns maximum propagation delay
n
Ruggedized inputs that can withstand excessive
undershoot
n
3.3V power supply design
n ±
350 mV differential signaling
n
Low power dissipation (13mW at 3.3V static)
n
Interoperable with existing 5V LVDS devices
n
Compatible with IEEE 1596.3 SCI LVDS standard
n
Compatible with TIA/EIA-644 LVDS standard
n
Industrial temperature operating range
n
Available in SOIC surface mount packaging
Connection Diagram
Dual-In-Line
10131101
Order Number DS90LV031BTM
See NS Package Number M16A
Truth Table
DRIVER
Enables
Input
Outputs
EN
EN*
D
IN
D
OUT+
D
OUT−
LH
X
Z
Z
All other combinations of
ENABLE inputs
LL
H
HH
L
Functional Diagram
10131102
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
January 2005
© 2005 National Semiconductor Corporation
DS101311
www.national.com


Similar Part No. - DS90LV031BTM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031BTM NSC-DS90LV031BTM Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031BTMTC NSC-DS90LV031BTMTC Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV031BTM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A_03 Datasheet
322Kb / 13P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV047ATMX TI-DS90LV047ATMX Datasheet
1Mb / 21P
[Old version datasheet]   DS90LV047A 3V LVDS Quad CMOS Differential Line Driver
DS90LV031AQML TI1-DS90LV031AQML Datasheet
249Kb / 14P
[Old version datasheet]   DS90LV031AQML 3V LVDS Quad CMOS Differential Line Driver
DS90LV031ATM-NOPB TI-DS90LV031ATM-NOPB Datasheet
912Kb / 19P
[Old version datasheet]   DS90LV031A 3V LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com