Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA4314B Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA4314B
Description  400MHz, 4x1 Video Crosspoint Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA4314B Datasheet(HTML) 1 Page - Intersil Corporation

  HA4314B_07 Datasheet HTML 1Page - Intersil Corporation HA4314B_07 Datasheet HTML 2Page - Intersil Corporation HA4314B_07 Datasheet HTML 3Page - Intersil Corporation HA4314B_07 Datasheet HTML 4Page - Intersil Corporation HA4314B_07 Datasheet HTML 5Page - Intersil Corporation HA4314B_07 Datasheet HTML 6Page - Intersil Corporation HA4314B_07 Datasheet HTML 7Page - Intersil Corporation HA4314B_07 Datasheet HTML 8Page - Intersil Corporation HA4314B_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
HA4314B
400MHz, 4x1 Video Crosspoint Switch
The HA4314B is a very wide bandwidth 4x1 crosspoint switch
ideal for professional video switching, HDTV, computer monitor
routing, and other high performance applications. The circuit
features very low power dissipation (105mW Enabled, 4mW
Disabled), excellent differential gain and phase, and very high
off isolation. When disabled, the output is switched to a high
impedance state, making the HA4314B ideal for routing matrix
equipment.
The HA4314B requires no external current source, and
features fast switching and symmetric slew rates.
For a 4x1 crosspoint with Tally outputs (channel indicators) or
with synchronous control signals, please refer to the HA4404B
and HA4344B data sheets, respectively.
For audio channels requiring larger signal swings, please refer
to the CD22M3494 (16x8) data sheet.
Features
• Low Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . 105mW
• Symmetrical Slew Rates. . . . . . . . . . . . . . . . . . . . . 1400V/
μs
• 0.1dB Gain Flatness . . . . . . . . . . . . . . . . . . . . . . . . . 100MHz
• -3dB Bandwidth. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400MHz
• Off Isolation (100MHz) . . . . . . . . . . . . . . . . . . . . . . . . . . 70dB
• Crosstalk Rejection (30MHz) . . . . . . . . . . . . . . . . . . . . . 80dB
• Differential Gain and Phase . . . . . . . . . . . . . . . 0.01%/0.01 °
• High ESD Rating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2000V
• TTL Compatible Control Inputs
• Improved Replacement for GX4314 and GX4314L
• Pb-Free Available (RoHS Compliant)
Applications
• Professional Video Switching and Routing
• HDTV
• Computer Graphics
• RF Switching and Routing
• PCM Data Routing
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HA4314BCA
HA 4314BCA
0 to +70
16 Ld QSOP M16.15A
HA4314BCAZ*
(Note)
HA43 14BCAZ
0 to +70
16 Ld QSOP
(Pb-free)
M16.15A
HA4314BCB*
HA4314BCB
0 to +70
14 Ld SOIC
M14.15
HA4314BCBZ*
(Note)
4314BCBZ
0 to +70
14 Ld SOIC
(Pb-free)
M14.15
HA4314BCP
HA4314BCP
0 to +70
14 Ld PDIP
E14.3
HA4314BCPZ
(Note)
HA4314BCPZ
0 to +70
14 Ld PDIP**
(Pb-free)
E14.3
*Add “96” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
**Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Truth Table
CS
A1
A0
OUT
000
IN0
001
IN1
010
IN2
011
IN3
1X
X
HIGH - Z
Data Sheet
September 11, 2007
FN3679.12
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HA4314B_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_06 Datasheet
307Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
More results

Similar Description - HA4314B_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA4314B INTERSIL-HA4314B_06 Datasheet
307Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
logo
Renesas Technology Corp
HA4314B RENESAS-HA4314B Datasheet
622Kb / 12P
   400MHz, 4x1 Video Crosspoint Switch
HA4344B RENESAS-HA4344B Datasheet
293Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
logo
Intersil Corporation
HA4344B INTERSIL-HA4344B_06 Datasheet
100Kb / 4P
   350MHz, 4x1 Video Crosspoint Switch with Synchronous Controls
HA4314B INTERSIL-HA4314B Datasheet
127Kb / 10P
   400MHz, 4 x 1 Video Crosspoint Switch
January 1999
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175 Datasheet
838Kb / 40P
   Video Crosspoint Switch
Rev. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com