Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9211 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL9211
Description  100MHz 100mA VCOM Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9211 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL9211_07 Datasheet HTML 3Page - Intersil Corporation EL9211_07 Datasheet HTML 4Page - Intersil Corporation EL9211_07 Datasheet HTML 5Page - Intersil Corporation EL9211_07 Datasheet HTML 6Page - Intersil Corporation EL9211_07 Datasheet HTML 7Page - Intersil Corporation EL9211_07 Datasheet HTML 8Page - Intersil Corporation EL9211_07 Datasheet HTML 9Page - Intersil Corporation EL9211_07 Datasheet HTML 10Page - Intersil Corporation EL9211_07 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7007.1
August 10, 2007
EL9211, EL9212, EL9214
HMSOP (Heat-Sink MSOP) Package Family
1
(N/2)
(N/2)+1
N
PLANE
SEATING
N LEADS
0.10 C
PIN #1
I.D.
E1
E
b
DETAIL X
3° ±3°
GAUGE
PLANE
SEE DETAIL "X"
c
A
0.25
A2
A1
L
0.25
C A B
D
A
M
B
e
C
0.08
C A B
M
H
L1
END VIEW
SIDE VIEW
TOP VIEW
E2
BOTTOM VIEW
D1
EXPOSED
THERMAL PAD
MDP0050
HMSOP (HEAT-SINK MSOP) PACKAGE FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
NOTES
HMSOP8 HMSOP10
A1.00
1.00
Max.
-
A1
0.075
0.075
+0.025/-0.050
-
A2
0.86
0.86
±0.09
-
b
0.30
0.20
+0.07/-0.08
-
c0.15
0.15
±0.05
-
D
3.00
3.00
±0.10
1, 3
D1
1.85
1.85
Reference
-
E4.90
4.90
±0.15
-
E1
3.00
3.00
±0.10
2, 3
E2
1.73
1.73
Reference
-
e0.65
0.50
Basic
-
L0.55
0.55
±0.15
-
L1
0.95
0.95
Basic
-
N
8
10
Reference
-
Rev. 1 2/07
NOTES:
1. Plastic or metal protrusions of 0.15mm maximum per side are not
included.
2. Plastic interlead protrusions of 0.25mm maximum per side are
not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.


Similar Part No. - EL9211_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9211IWZ-T7 INTERSIL-EL9211IWZ-T7 Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9211IWZ-T7 RENESAS-EL9211IWZ-T7 Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
logo
Intersil Corporation
EL9211IWZ-T7A INTERSIL-EL9211IWZ-T7A Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9211IWZ-T7A RENESAS-EL9211IWZ-T7A Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
logo
Intersil Corporation
EL9211IYEZ INTERSIL-EL9211IYEZ Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
More results

Similar Description - EL9211_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9211 INTERSIL-EL9211 Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9211 RENESAS-EL9211 Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5424 INTERSIL-EL5424 Datasheet
589Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5144 INTERSIL-EL5144 Datasheet
499Kb / 19P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Linear Technology
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com