Electronic Components Datasheet Search |
|
KBPC3508W Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
KBPC3508W Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 2 page GALAXY ELECTRICAL FEATURES Rating to 1000V PRV Surge overload rating to 400 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%. KBPC 3502 (W) KBPC 3504 (W) KBPC 3506 (W) KBPC 3508 (W) KBPC 3510 (W) UNITS Maximum recurrent peak reverse voltage VRRM 200 400 600 800 1000 V Maximum RMS voltage VRMS 140 280 420 560 700 V Maximum DC blocking voltage VDC 200 400 600 800 1000 V Maximum average forw ard Output current @T A=25 Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage @ 17.5 A VF V Maximum reverse current @T A=25 μA at rated DC blocking voltage @T A=100 mA Operating junction temperature range TJ Storage temperature range TSTG - 55 ---- + 150 - 55 ---- + 125 IR 100 70 VOLTAGE RANGE: 50 --- 1000 V CURRENT: 35.0 A 35 50 Lead solderable per MIL-STD-202 method 208 SILICON BRIDGE RECTIFIERS 400.0 IFSM A 10.0 IF(AV) 35.0 A KBPC-W KBPC35005(W)---KBPC3510(W) KBPC 35005 (W) KBPC 3501 (W) 50 100 1.1 1.0 www.galaxycn.com inch (mm) BL BLGALAXY ELECTRICAL Document Number 0287043 1. .452 (11.5) 1.181(30.0) 1.102(28.0) MAX (15.0) . 591 .692(17.6) .732(18.6) .692(17.6) .732(18.6) (0.8x 6.4) .033x 250 HOLE FOR NO.8 SCREW 1.102(28.0) 1.181(30.0) AC AC - + .468(11.9) .429(10.9) .042(1.1) .090(2.0) MAX |
Similar Part No. - KBPC3508W |
|
Similar Description - KBPC3508W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |