Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9211IWZ-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL9211IWZ-T7
Description  100MHz 100mA VCOM Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9211IWZ-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL9211IWZ-T7 Datasheet HTML 1Page - Intersil Corporation EL9211IWZ-T7 Datasheet HTML 2Page - Intersil Corporation EL9211IWZ-T7 Datasheet HTML 3Page - Intersil Corporation EL9211IWZ-T7 Datasheet HTML 4Page - Intersil Corporation EL9211IWZ-T7 Datasheet HTML 5Page - Intersil Corporation EL9211IWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL9211IWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL9211IWZ-T7 Datasheet HTML 8Page - Intersil Corporation EL9211IWZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN7007.1
August 10, 2007
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE FOR VARIOUS RL
FIGURE 2. FREQUENCY RESPONSE FOR VARIOUS CL
FIGURE 3. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 4. CLOSED LOOP OUTPUT IMPEDANCE vs
FREQUENCY
FIGURE 5. PSRR
FIGURE 6. CMRR
100k
1M
10M
500M
FREQUENCY (Hz)
100M
VS = ±6V
AV = +1
CL = 10pF
6
2
-2
-6
-10
8
4
0
-4
-8
-12
RL=1kΩ
RL=10kΩ
RL=100Ω
6
2
-2
-6
-10
8
4
0
-4
-8
100k
1M
10M
500M
FREQUENCY (Hz)
100M
VS = ±6V
AV = +1
RF = 0Ω
RL = 10kΩ
-12
CL=18pF
CL=0pF
CL=10pF
10k
100k
100M
FREQUENCY (Hz)
1k
10M
1M
10
20
30
40
50
60
70
80
0
-10
-20
VS = ±6V
RL = 10kΩ
CL = 10pF
PHASE
GAIN
-100
-50
0
50
100
150
200
250
-150
-200
-250
70
50
30
10
-10
80
60
40
20
0
100k
1M
10M
FREQUENCY (Hz)
100M
-20
VS = ±6V
AV = +1
10k
100k
100M
FREQUENCY (Hz)
1k
10M
1M
500M
0
-20
-40
-60
-80
10
-10
-30
-50
-70
-90
PSRR-
PSRR+
VS = ±6V
-10
-30
-50
-70
-90
-20
-40
-60
-80
1k
100k
10M
FREQUENCY (Hz)
500M
-100
VS = ±6V
10k
1M
100M
EL9211, EL9212, EL9214


Similar Part No. - EL9211IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9211IWZ-T7 INTERSIL-EL9211IWZ-T7 Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9211IWZ-T7 RENESAS-EL9211IWZ-T7 Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
logo
Intersil Corporation
EL9211IWZ-T7A INTERSIL-EL9211IWZ-T7A Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9211IWZ-T7A RENESAS-EL9211IWZ-T7A Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
More results

Similar Description - EL9211IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9211 INTERSIL-EL9211 Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9211 RENESAS-EL9211 Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5424 INTERSIL-EL5424 Datasheet
589Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5144 INTERSIL-EL5144 Datasheet
499Kb / 19P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Linear Technology
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com