Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9211IWZ-T7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL9211IWZ-T7A
Description  100MHz 100mA VCOM Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9211IWZ-T7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL9211IWZ-T7A Datasheet HTML 3Page - Intersil Corporation EL9211IWZ-T7A Datasheet HTML 4Page - Intersil Corporation EL9211IWZ-T7A Datasheet HTML 5Page - Intersil Corporation EL9211IWZ-T7A Datasheet HTML 6Page - Intersil Corporation EL9211IWZ-T7A Datasheet HTML 7Page - Intersil Corporation EL9211IWZ-T7A Datasheet HTML 8Page - Intersil Corporation EL9211IWZ-T7A Datasheet HTML 9Page - Intersil Corporation EL9211IWZ-T7A Datasheet HTML 10Page - Intersil Corporation EL9211IWZ-T7A Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN7007.1
August 10, 2007
EL9211, EL9212, EL9214
SOT-23 Package Family
e1
N
A
D
E
4
3
2
1
E1
0.15
D
C
2X
0.20 C
2X
e
B
0.20 M
D
C A-B
b
NX
6
2
3
5
SEATING
PLANE
0.10 C
NX
1
3
C
D
0.15
A-B
C
2X
A2
A1
H
c
(L1)
L
0.25
+3°
-0°
GAUGE
PLANE
A
MDP0038
SOT-23 PACKAGE FAMILY
SYMBOL
MILLIMETERS
TOLERANCE
SOT23-5
SOT23-6
A
1.45
1.45
MAX
A1
0.10
0.10
±0.05
A2
1.14
1.14
±0.15
b
0.40
0.40
±0.05
c
0.14
0.14
±0.06
D
2.90
2.90
Basic
E
2.80
2.80
Basic
E1
1.60
1.60
Basic
e
0.95
0.95
Basic
e1
1.90
1.90
Basic
L
0.45
0.45
±0.10
L1
0.60
0.60
Reference
N
5
6
Reference
Rev. F 2/07
NOTES:
1. Plastic or metal protrusions of 0.25mm maximum per side are not
included.
2. Plastic interlead protrusions of 0.25mm maximum per side are not
included.
3. This dimension is measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994.
5. Index area - Pin #1 I.D. will be located within the indicated zone
(SOT23-6 only).
6. SOT23-5 version has no center lead (shown as a dashed line).


Similar Part No. - EL9211IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9211IWZ-T7A INTERSIL-EL9211IWZ-T7A Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9211IWZ-T7A RENESAS-EL9211IWZ-T7A Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
More results

Similar Description - EL9211IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9211 INTERSIL-EL9211 Datasheet
278Kb / 9P
   100MHz 100mA VCOM Amplifiers
logo
Renesas Technology Corp
EL9211 RENESAS-EL9211 Datasheet
624Kb / 11P
   100MHz 100mA VCOM Amplifiers
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5424 INTERSIL-EL5424 Datasheet
589Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL5144 INTERSIL-EL5144 Datasheet
499Kb / 19P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Linear Technology
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5144 RENESAS-EL5144 Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com