Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS92CK16 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS92CK16
Description  3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92CK16 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS92CK16_06 Datasheet HTML 1Page - National Semiconductor (TI) DS92CK16_06 Datasheet HTML 2Page - National Semiconductor (TI) DS92CK16_06 Datasheet HTML 3Page - National Semiconductor (TI) DS92CK16_06 Datasheet HTML 4Page - National Semiconductor (TI) DS92CK16_06 Datasheet HTML 5Page - National Semiconductor (TI) DS92CK16_06 Datasheet HTML 6Page - National Semiconductor (TI) DS92CK16_06 Datasheet HTML 7Page - National Semiconductor (TI) DS92CK16_06 Datasheet HTML 8Page - National Semiconductor (TI) DS92CK16_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Connection Diagram
10108202
Order Number DS92CK16TMTC
See NS Package Number MTC24
TSSOP Package Pin Descriptions
Pin Name
Pin #
Type
Description
CLKI/O+
6
I/O
True (Positive) side of the differential clock input.
CLKI/O−
7
I/O
Complementary (Negative) side of the differential clock input.
OE
2
I
OE; this pin is active Low. When High, this pin forces all CLK
OUT pins
High. When Low, CLK
OUT pins logic state is determined by either the
CrdCLK
IN or the VID at the CLK/I/O pins with respect to the logic level
at the DE pin. This pin has a weak pullup device to V
CC.IfOEis
floating, then all CLK
OUT pins will be High.
DE
11
I
DE; this pin is active LOW. When Low, this pin enables the
CardCLK
IN signal to the CLKI/O pins and CLKOUT pins. When High,
the Driver is TRI-STATE®, the CLKI/O pins are inputs and determine
the state of the CLK
OUT pins. This pin has a weak pullup device to
V
CC. If DE is floating, then CLKI/O pins are TRI-STATE.
CLK
OUT
13, 15, 17, 19, 21, 23
O
6 Buffered clock (CMOS) outputs.
CrdCLK
IN
9
I
Input clock from Card (CMOS level or TTL level).
V
CC
16, 20, 24
Power
V
CC; Analog VCCA (Internally separate from VCC, connect externally or
use separate power supplies). No special power sequencing required.
Either V
CCA or VCC can be applied first, or simultaneously apply both
power supplies.
GND
1, 12, 14, 18, 22
Ground
GND
V
CCA
4
Power
Analog V
CCA (Internally separate from VCC, connect externally or use
separate power supplies). No special power sequencing required.
Either V
CCA or VCC can be applied first, or simultaneously apply both
power supplies.
GNDA
5, 8
Ground
Analog Ground (Internally separate from Ground must be connected
externally).
NC
3, 10
No Connects
www.national.com
2


Similar Part No. - DS92CK16_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92CK16TMTC NSC-DS92CK16TMTC Datasheet
165Kb / 11P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Tyco Electronics
DS92CK16TMTC MACOM-DS92CK16TMTC Datasheet
916Kb / 17P
   DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Texas Instruments
DS92CK16TMTC TI1-DS92CK16TMTC Datasheet
919Kb / 17P
[Old version datasheet]   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
DS92CK16TMTC/NOPB TI1-DS92CK16TMTC/NOPB Datasheet
919Kb / 17P
[Old version datasheet]   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Tyco Electronics
DS92CK16TMTCNOPB MACOM-DS92CK16TMTCNOPB Datasheet
916Kb / 17P
   DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
More results

Similar Description - DS92CK16_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92CK16 TI1-DS92CK16_14 Datasheet
919Kb / 17P
[Old version datasheet]   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16 Datasheet
165Kb / 11P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Tyco Electronics
DS92CK16TMTCX MACOM-DS92CK16TMTCX Datasheet
916Kb / 17P
   DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Pericom Semiconductor C...
PI90LVB16 PERICOM-PI90LVB16 Datasheet
470Kb / 12P
   3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver
logo
Integrated Circuit Syst...
ICS551 ICST-ICS551 Datasheet
56Kb / 4P
   1 to 4 Clock Buffer
logo
Integrated Device Techn...
ICS551MILF IDT-ICS551MILF Datasheet
192Kb / 9P
   1 TO 4 CLOCK BUFFER
logo
National Semiconductor ...
DS92001 NSC-DS92001 Datasheet
257Kb / 12P
   3.3V B/LVDS-BLVDS Buffer
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
   2.5V LVDS 1:6 Clock Buffer Terabuffer
MPC905 IDT-MPC905 Datasheet
381Kb / 7P
   1:6 PCI Clock Generator/Fanout Buffer
logo
Motorola, Inc
MPC903 MOTOROLA-MPC903 Datasheet
91Kb / 6P
   1:6 PCI CLOCK GENERATOR/ FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com