Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9115ILZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL9115ILZ
Description  Triple Analog Video Delay Line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9115ILZ Datasheet(HTML) 4 Page - Intersil Corporation

  EL9115ILZ Datasheet HTML 1Page - Intersil Corporation EL9115ILZ Datasheet HTML 2Page - Intersil Corporation EL9115ILZ Datasheet HTML 3Page - Intersil Corporation EL9115ILZ Datasheet HTML 4Page - Intersil Corporation EL9115ILZ Datasheet HTML 5Page - Intersil Corporation EL9115ILZ Datasheet HTML 6Page - Intersil Corporation EL9115ILZ Datasheet HTML 7Page - Intersil Corporation EL9115ILZ Datasheet HTML 8Page - Intersil Corporation EL9115ILZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN7441.4
February 8, 2008
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY
FIGURE 2. GAIN vs FREQUENCY
FIGURE 3. TYPICAL DC OFFSET vs DELAY TIME (X2 = Hi)
FIGURE 4. TYPICAL DC OFFSET vs DELAY TIME (X2 = Low)
FIGURE 5. RISE TIME vs DELAY TIME
FIGURE 6. FALL TIME vs DELAY TIME
Delay 10, 20, 30, 40 and 50ns
Delay = 62ns
-3dB@80MHz
Delay = 0ns
-3dB@122MHz
Delay = 62ns
Delay 10, 20, 30, 40 and 50ns
Delay = 0ns
DELAY TIME (ns)
DELAY TIME (ns)
DELAY TIME (ns)
DELAY TIME (ns)
DELAY TIME (ns)
EL9115


Similar Part No. - EL9115ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
logo
Renesas Technology Corp
EL9115ILZ RENESAS-EL9115ILZ Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
More results

Similar Description - EL9115ILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9115 INTERSIL-EL9115 Datasheet
581Kb / 9P
   Triple Analog Video Delay Line
EL9115ILZ INTERSIL-EL9115ILZ Datasheet
446Kb / 10P
   Triple Analog Video Delay Line
January 12, 2012
EL9115 INTERSIL-EL9115_06 Datasheet
330Kb / 9P
   Triple Analog Video Delay Line
EL9115 INTERSIL-EL9115_09 Datasheet
388Kb / 9P
   Triple Analog Video Delay Line
logo
Renesas Technology Corp
EL9115 RENESAS-EL9115 Datasheet
651Kb / 10P
   Triple Analog Video Delay Line
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
   Triple Analog Video Delay Lines
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
   Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
   Triple Analog Video Delay Lines
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
   Triple Analog Video Delay Lines
logo
Analog Devices
AD8120 AD-AD8120 Datasheet
455Kb / 16P
   Triple Skew-Compensating Video Delay Line with Analog and Digital Control
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com