Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8178FWZ-T7 Datasheet(PDF) 10 Page - Intersil Corporation

Part # EL8178FWZ-T7
Description  Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8178FWZ-T7 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button EL8178FWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL8178FWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL8178FWZ-T7 Datasheet HTML 8Page - Intersil Corporation EL8178FWZ-T7 Datasheet HTML 9Page - Intersil Corporation EL8178FWZ-T7 Datasheet HTML 10Page - Intersil Corporation EL8178FWZ-T7 Datasheet HTML 11Page - Intersil Corporation EL8178FWZ-T7 Datasheet HTML 12Page - Intersil Corporation EL8178FWZ-T7 Datasheet HTML 13Page - Intersil Corporation EL8178FWZ-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN7504.6
March 17, 2008
Application Information
Introduction
The EL8178 is a rail-to-rail input and output (RRIO),
micropower, precision, single supply op amp with an enable
feature. This amplifier is designed to operate from single
supply (2.4V to 5.5V) or dual supply (±1.2V to ±2.75V) while
drawing only 55µA of supply current.The device achieves
rail-to-rail input and output operation while eliminating the
drawbacks of many conventional RRIO op amps.
Rail-to-Rail Input
The PFET input stage of the EL8178 has an input
common-mode voltage range that includes the negative and
positive supplies without introducing offset errors or
degrading performance like some existing rail-to-rail input
op amps. Many rail-to-rail input stages use two differential
input pairs: a long-tail PNP (or PFET) and an NPN (or
NFET). Severe penalties result from using this topology. As
the input signal moves from one supply rail to the other, the
op amp switches from one input pair to the other causing
changes in input offset voltage and an undesired change in
the input offset current’s magnitude and polarity.
The EL8178 achieves rail-to-rail input performance without
sacrificing important precision specifications and without
degrading distortion performance. The EL8178's input offset
voltage exhibits a smooth behavior throughout the entire
common-mode input range.
Rail-to-Rail Output
A pair of complementary MOSFET devices achieve rail-to-rail
output swing. The NMOS sinks current to swing the output in
the negative direction, while the PMOS sources current to
swing the output in the positive direction. The EL8178 with a
100k
Ω load swings to within 3mV of the supply rails.
Results of Overdriving the Output
Caution should be used when overdriving the output for long
periods of time. Overdriving the output can occur in three ways:
1. The input voltage times the gain of the amplifier exceeds the
supply voltage by a large value.
2. The output current required is higher than the output stage
can deliver.
3. Operating the device in slew rate limit. These conditions can
result in a shift in the Input Offset Voltage (VOS) as much as
1µV/hr of exposure under these conditions.
Enable/Disable Feature
The EL8178 features an active low EN pin that when pulled
up to at least 2V, disables the output and drops the ICC to a
3µA. The EN pin has an internal pull-down, so an undriven
pin pulls to the negative rail, thereby enabling the op amp by
default. For applications where the EN pin is not being used,
it is recommended that the EN pin be permanently tyed to
ground.
The high impedance output during disable allows for
connecting multiple EL8178s together to implement a Mux
Amp. The outputs are connected together and activating the
appropriate EN pin selects the desired channel. If utilizing
non-unity gain op amp configurations, then the loading
Pin Descriptions
SO PIN
NUMBER
SOT-23 PIN
NUMBER
6 Ld WLCSP
PIN NUMBER
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
A1
NC
No internal connection
2
4
C1
IN-
Circuit 1
Amplifier’s inverting input
3
3
C2
IN+
Circuit 1
Amplifier’s non-inverting input
4
2
B2
V-
Circuit 4
Negative power supply
5
NC
No internal connection
6
1
A2
OUT
Circuit 3
Amplifier’s output
7
6
B1
V+
Circuit 4
Positive power supply
85
EN
Circuit 2
Amplifier’s enable pin with internal pull-down; Logic “1” selects the
disabled state; Logic “0” selects the enabled state.
EN
OUT
CIRCUIT 3
CIRCUIT 2
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
V+
V+
V+
V-
V-
V-
IN-
V+
V-
CIRCUIT 1
IN+
EL8178


Similar Part No. - EL8178FWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178FWZ-T7 INTERSIL-EL8178FWZ-T7 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178FWZ-T7 RENESAS-EL8178FWZ-T7 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178FWZ-T7A INTERSIL-EL8178FWZ-T7A Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178FWZ-T7A RENESAS-EL8178FWZ-T7A Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
More results

Similar Description - EL8178FWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288 INTERSIL-ISL28288 Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
   Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com