Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL9110IUZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL9110IUZ-T7
Description  Differential Receiver/Equalizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL9110IUZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL9110IUZ-T7 Datasheet HTML 1Page - Intersil Corporation EL9110IUZ-T7 Datasheet HTML 2Page - Intersil Corporation EL9110IUZ-T7 Datasheet HTML 3Page - Intersil Corporation EL9110IUZ-T7 Datasheet HTML 4Page - Intersil Corporation EL9110IUZ-T7 Datasheet HTML 5Page - Intersil Corporation EL9110IUZ-T7 Datasheet HTML 6Page - Intersil Corporation EL9110IUZ-T7 Datasheet HTML 7Page - Intersil Corporation EL9110IUZ-T7 Datasheet HTML 8Page - Intersil Corporation EL9110IUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN7305.5
EL9110
Differential Receiver/Equalizer
The EL9110 is a single channel differential receiver and
equalizer. It contains a high speed differential receiver with 5
programmable poles. The outputs of these pole blocks are
then summed into an output buffer. The equalization length
is set with the voltage on a single pin. The EL9110 also
contains a three-statable output, enabling multiple devices to
be connected in parallel and used in a multiplexing
application.
The gain can be adjusted up or down by 6dB using the
VGAIN control signal. In addition, a further 6dB of gain can
be switched in to provide a matched drive into a cable.
The EL9110 has a bandwidth of 150MHz and consumes just
33mA on ±5V supply. A single input voltage is used to set the
compensation levels for the required length of cable.
The EL9110 is available in the 16 Ld QSOP package and is
specified for operation over the full -40°C to +85°C
temperature range.
Features
• 150MHz -3dB bandwidth
• CAT-5 compensation
- 75MHz @ 1000ft
- 125MHz @ 500ft
• 33mA supply current
• Differential input range 3.2V
• Common mode input range ±4.5V
• ±5V supply
• Output to within 1.5V of supplies
• Available in 16 Ld QSOP package
• Pb-free available (RoHS compliant)
Applications
• Twisted-pair receiving/equalizer
• KVM (Keyboard/Video/Mouse)
• VGA over twisted-pair
• Security video
Pinout
EL9110
(16 LD QSOP)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
PKG. DWG. #
EL9110IU
9110IU
16 Ld QSOP
MDP0040
EL9110IU-T7*
9110IU
16 Ld QSOP
MDP0040
EL9110IU-T13*
9110IU
16 Ld QSOP
MDP0040
EL9110IUZ
(Note)
9110IUZ
16 Ld QSOP
(Pb-free)
MDP0040
EL9110IUZ-T7*
(Note)
9110IUZ
16 Ld QSOP
(Pb-free)
MDP0040
EL9110IUZ-T13*
(Note)
9110IUZ
16 Ld QSOP
(Pb-free)
MDP0040
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
CTRL_REF
VCTRL
VINP
VINM
VS-
CMOUT
VGAIN
LOGIC_REF
CMEXT
VS+
ENBL
VSA+
VOUT
VSA-
0V
X2
Data Sheet
November 30, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL9110IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL9110IUZ-T7 INTERSIL-EL9110IUZ-T7 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9110IUZ-T7 RENESAS-EL9110IUZ-T7 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
More results

Similar Description - EL9110IUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL9110 RENESAS-EL9110 Datasheet
499Kb / 10P
   Differential Receiver/Equalizer
logo
Intersil Corporation
EL9110 INTERSIL-EL9110 Datasheet
233Kb / 8P
   Differential Receiver/Equalizer
ISL59910IRZ INTERSIL-ISL59910IRZ Datasheet
485Kb / 12P
   Triple Differential Receiver/Equalizer
December 15, 2006
logo
Renesas Technology Corp
ISL59910 RENESAS-ISL59910 Datasheet
819Kb / 12P
   Triple Differential Receiver/Equalizer
logo
Intersil Corporation
EL9111 INTERSIL-EL9111 Datasheet
800Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111 INTERSIL-EL9111_06 Datasheet
573Kb / 13P
   Triple Differential Receiver/Equalizer
ISL59910 INTERSIL-ISL59910 Datasheet
481Kb / 12P
   Triple Differential Receiver/Equalizer
EL9111IL INTERSIL-EL9111IL Datasheet
579Kb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
EL9111 INTERSIL-EL9111_07 Datasheet
576Kb / 13P
   Triple Differential Receiver/Equalizer
logo
Renesas Technology Corp
EL9111 RENESAS-EL9111 Datasheet
1Mb / 13P
   Triple Differential Receiver/Equalizer
May 9, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com