Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8200IYZ-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL8200IYZ-T13
Description  200MHz Rail-to-Rail Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8200IYZ-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  EL8200IYZ-T13 Datasheet HTML 1Page - Intersil Corporation EL8200IYZ-T13 Datasheet HTML 2Page - Intersil Corporation EL8200IYZ-T13 Datasheet HTML 3Page - Intersil Corporation EL8200IYZ-T13 Datasheet HTML 4Page - Intersil Corporation EL8200IYZ-T13 Datasheet HTML 5Page - Intersil Corporation EL8200IYZ-T13 Datasheet HTML 6Page - Intersil Corporation EL8200IYZ-T13 Datasheet HTML 7Page - Intersil Corporation EL8200IYZ-T13 Datasheet HTML 8Page - Intersil Corporation EL8200IYZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN7105.3
August 29, 2007
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage from VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . VS+ +0.3V to VS- -0.3V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
VS+ = 5V, VS- = GND, TA = 25°C, VCM = 2.5V, RL to 2.5V, AV = 1, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
INPUT CHARACTERISTICS
VOS
Offset Voltage
-6
-0.8
+6
mV
TCVOS
Offset Voltage Temperature Coefficient Measured from TMIN to TMAX
3µV/°C
IB
Input Bias Current
VIN = 0V
-2.5
-1.6
µA
IOS
Input Offset Current
VIN = 0V
0.2
0.55
µA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
2nA/°C
CMRR
Common Mode Rejection Ratio
VCM = -0.15V to +3.5V (EL8200,EL8201)
70
90
dB
VCM = -0.15V to +3.5V (EL8401)
65
90
dB
CMIR
Common Mode Input Range
VS- -0.15
VS+ -1.5
V
RIN
Input Resistance
Common Mode
16
M
Ω
CIN
Input Capacitance
0.5
pF
AVOL
Open Loop Gain
VOUT = +1.5V to +3.5V, RL = 1kΩ to GND
75
90
dB
VOUT = +1.5V to +3.5V, RL = 150Ω to GND
80
dB
OUTPUT CHARACTERISTICS
ROUT
Output Resistance
AV = +1
30
m
Ω
VOP
Positive Output Voltage Swing
RL = 1kΩ
4.85
4.9
V
RL = 150Ω
4.6
4.7
V
VON
Negative Output Voltage Swing
RL = 150Ω
100
150
mV
RL = 1kΩ
35
50
mV
IOUT
Linear Output Current
65
mA
ISC (source)
Short Circuit Current
RL = 10Ω
60
70
mA
ISC (sink)
Short Circuit Current
RL = 10Ω
100
130
mA
POWER SUPPLY
PSRR
Power Supply Rejection Ratio
VS+ = 4.5V to 5.5V
70
100
dB
IS-ON
Supply Current
22.4
mA
IS-OFF
Supply Current - Disabled per Amplifier EL8200 only
40
90
µA
ENABLE (EL8200 ONLY)
tEN
Enable Time
200
ns
tDS
Disable Time
25
ns
VIH-ENB
ENABLE Pin Voltage for Power-up
0.8
V
EL8200, EL8201, EL8401


Similar Part No. - EL8200IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200IYZ-T13 INTERSIL-EL8200IYZ-T13 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200IYZ-T13 RENESAS-EL8200IYZ-T13 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8200IYZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com