Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84684IU-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL84684IU-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84684IU-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL84684IU-T Datasheet HTML 5Page - Intersil Corporation ISL84684IU-T Datasheet HTML 6Page - Intersil Corporation ISL84684IU-T Datasheet HTML 7Page - Intersil Corporation ISL84684IU-T Datasheet HTML 8Page - Intersil Corporation ISL84684IU-T Datasheet HTML 9Page - Intersil Corporation ISL84684IU-T Datasheet HTML 10Page - Intersil Corporation ISL84684IU-T Datasheet HTML 11Page - Intersil Corporation ISL84684IU-T Datasheet HTML 12Page - Intersil Corporation ISL84684IU-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6088.5
July 31, 2007
ISL84684
Wafer Level Chip Scale Package (WLCSP)
PIN 1 ID
A
E1
SD
BOTTOM VIEW
A
B
12
C
SE
3
4
b
e
D1
SIDE VIEW
A1
b
A2
TOP VIEW
bb
D
E
W4x3.10A
4X3 ARRAY 10 BALL WAFER LEVEL CHIP SCALE PACKAGE
SYMBOL
MILLIMETERS
NOTES
A
0.64 +0.05 -0.10
-
A1
0.29 ±0.02
-
A2
0.35 REF.
-
b
θ 0.37 ±0.03
-
bb
θ 0.30 REF.
-
D
1.50 ±0.05
-
D1
1.00 BASIC
-
E
2.00 ±0.05
-
E1
1.50 BASIC
-
e
0.50 BASIC
-
SD
0.00 BASIC
-
SE
0.25 BASIC
-
N10
3
Rev. 1 10/05
NOTES:
1. Dimensions are in Millimeters.
2. Dimensioning and tolerancing conform to ASME 14.5M-1994.
3. Symbol “N” is the actual number of solder balls.


Similar Part No. - ISL84684IU-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84684IU-T INTERSIL-ISL84684IU-T Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IU-T INTERSIL-ISL84684IU-T Datasheet
385Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
July 31, 2007
logo
Renesas Technology Corp
ISL84684IU-T RENESAS-ISL84684IU-T Datasheet
663Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
More results

Similar Description - ISL84684IU-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43L220 INTERSIL-ISL43L220 Datasheet
437Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
logo
Renesas Technology Corp
ISL43L220 RENESAS-ISL43L220 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 RENESAS-ISL84684 Datasheet
663Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL84762 INTERSIL-ISL84762 Datasheet
276Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684 INTERSIL-ISL84684 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
ISL84684IIZ-T INTERSIL-ISL84684IIZ-T Datasheet
385Kb / 13P
   Ultra Low ON-Resistance, Low Voltage,Single Supply, Dual SPDT Analog Switch
July 31, 2007
logo
Renesas Technology Corp
ISL84762 RENESAS-ISL84762 Datasheet
611Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Dual SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com