Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL81485IU Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL81485IU
Description  5V, 30Mbps, RS-485/RS-422 Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL81485IU Datasheet(HTML) 4 Page - Intersil Corporation

  ISL81485IU Datasheet HTML 1Page - Intersil Corporation ISL81485IU Datasheet HTML 2Page - Intersil Corporation ISL81485IU Datasheet HTML 3Page - Intersil Corporation ISL81485IU Datasheet HTML 4Page - Intersil Corporation ISL81485IU Datasheet HTML 5Page - Intersil Corporation ISL81485IU Datasheet HTML 6Page - Intersil Corporation ISL81485IU Datasheet HTML 7Page - Intersil Corporation ISL81485IU Datasheet HTML 8Page - Intersil Corporation ISL81485IU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Receiver Short-Circuit Current
IOSR
0V
≤ VO ≤ VCC
Full
7
-
85
mA
SWITCHING CHARACTERISTICS
Driver Input to Output Prop Delay
tPLH, tPHL RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
2
9
15
ns
Driver Prop Delay Skew
tSKEW
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
1
5
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CL = 100pF (Figure 2)
Full
-
5
15
ns
Driver Enable to Output High
tZH
CL = 50pF, SW = GND (Figure 3)
Full
-
9
25
ns
Driver Enable to Output Low
tZL
CL = 50pF, SW = VCC (Figure 3)
Full
-
9
25
ns
Matched Enable Switching
|tAZH - tBZL| or |tBZH - tAZL|
∆tEN
(Figure 3)
Full
-
1
3
ns
Driver Disable from Output High
tHZ
CL = 50pF, SW = GND (Figure 3)
Full
-
9
25
ns
Driver Disable from Output Low
tLZ
CL = 50pF, SW = VCC (Figure 3)
Full
-
9
25
ns
Matched Disable Switching
|tAHZ - tBLZ| or |tBHZ - tALZ|
∆t
DIS
(Figure 3)
Full
-
2
5
ns
Driver Maximum Data Rate
fMAXD
|VOD| ≥ 1.5V (Figure 4)
Full
30
-
-
Mbps
Receiver Input to Output Prop
Delay
tPLH, tPHL (Figure 5)
Full
8
17
30
ns
Receiver Prop Delay Skew
| tPLH - tPHL |
tSKD
(Figure 5)
Full
-
1
5
ns
Receiver Enable to Output High
tZH
CL = 15pF, SW = GND (Figure 6)
Full
-
7
20
ns
Receiver Enable to Output Low
tZL
CL = 15pF, SW = VCC (Figure 6)
Full
-
7
20
ns
Receiver Disable from Output High
tHZ
CL = 15pF, SW = GND (Figure 6)
Full
-
7
20
ns
Receiver Disable from Output Low
tLZ
CL = 15pF, SW = VCC (Figure 6)
Full
-
7
20
ns
Receiver Maximum Data Rate
fMAXR
CL = 15pF, VID ≥ 1.5V, RO tH and tL ≥ 20ns
Full
30
-
-
Mbps
NOTES:
2. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
3. Supply current specification is valid for loaded drivers when DE = 0V.
4. Applies to peak current. See “Typical Performance Curves” for more information.
5. Devices meeting these limits are denoted as “1 unit load (UL)” transceivers. The RS-485 standard allows up to 32 Unit Loads on the bus, so a
1UL transceiver permits > 32 devices on the bus.
Test Circuits and Waveforms
FIGURE 1A. VOD AND VOC
FIGURE 1B. VOD WITH COMMON MODE LOAD
FIGURE 1. DC DRIVER TEST CIRCUITS
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = 25oC,
Note 2 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
D
DE
DI
VCC
VOD
VOC
R
R
Z
Y
D
DE
DI
VCC
VOD
375
375
Z
Y
RD = 60Ω
VCM
-7V to +12V
ISL81485


Similar Part No. - ISL81485IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81485IU INTERSIL-ISL81485IU Datasheet
371Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485IU RENESAS-ISL81485IU Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
logo
Intersil Corporation
ISL81485IU-T INTERSIL-ISL81485IU-T Datasheet
371Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485IUZ RENESAS-ISL81485IUZ Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
More results

Similar Description - ISL81485IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485 Datasheet
371Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
ISL43485 RENESAS-ISL43485 Datasheet
660Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP337EBEY-L EXAR-SP337EBEY-L Datasheet
991Kb / 18P
   3.3V TO 5V RS-232/RS-485/RS-422 MULTIPROTOCOL TRANSCEIVER
SP336EEY-L-TR EXAR-SP336EEY-L-TR Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
SP336EEY-0A-EB EXAR-SP336EEY-0A-EB Datasheet
1Mb / 30P
   3.3V / 5V PROGRAMMABLE RS-232/RS-485/RS-422 SERIAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com