Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59885 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL59885
Description  Auto-Adjusting Sync Separator for HD and SD Video
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59885 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL59885 Datasheet HTML 1Page - Intersil Corporation ISL59885 Datasheet HTML 2Page - Intersil Corporation ISL59885 Datasheet HTML 3Page - Intersil Corporation ISL59885 Datasheet HTML 4Page - Intersil Corporation ISL59885 Datasheet HTML 5Page - Intersil Corporation ISL59885 Datasheet HTML 6Page - Intersil Corporation ISL59885 Datasheet HTML 7Page - Intersil Corporation ISL59885 Datasheet HTML 8Page - Intersil Corporation ISL59885 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN7442.6
August 15, 2007
FIGURE 7. TIMING DIAGRAM
FIGURE 5. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 6. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0
25
50
75
100
125
150
TEMPERATURE (°C)
85
1.8
1.136W
θ
JA =
+11
0°C
/W
SO
IC8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
781mW
θ
JA =
+16
0°C
/W
SO
IC8
0
25
50
75
100
125
150
TEMPERATURE (°C)
85
1.2
1.0
0.8
0.6
0.4
0.2
0
NOTES:
2. The composite sync output reproduces all the video input sync pulses, with a propagation delay.
3. Vertical sync leading edge is coincident with the first vertical serration pulse leading edge with a propagation delay.
4. Horizontal sync output produces the true “H” pulses of nominal width of 5µs. It has the same delay as the composite sync.
1
2
3
4
5
6
7
8
9
10
19
20
21
3H
3H
3H
VERTICAL BLANKING INTERVAL = 20H
+H
-H
1271µs
+63.5µs
-0µs
1.5µs ±0.1µs
TIME
9 LINE VERTICAL INTERVAL
PRE-
EQUALIZING
PULSE INTERVAL
VERTICAL SYNC
PULSE INTERVAL
POST-
EQUALIZING
PULSE INTERVAL
H
H SYNC
INTERVAL
START OF
FIELD ONE
H
H
0.5H
H
REF SUBCARRIER PHASE,
COLOR FIELD ONE
SIGNAL 1a. COMPOSITE VIDEO INPUT, FIELD ONE
SIGNAL 1b. COMPOSITE SYNC OUTPUT, PIN 1
SIGNAL 1c. VERTICAL SYNC OUTPUT, PIN 3
SIGNAL 1d. HORIZONTAL SYNC OUTPUT, PIN 7
tVS
ISL59885


Similar Part No. - ISL59885

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Intersil Corporation
ISL59885IS INTERSIL-ISL59885IS Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885IS INTERSIL-ISL59885IS Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885IS-T13 INTERSIL-ISL59885IS-T13 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
More results

Similar Description - ISL59885

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59885 INTERSIL-ISL59885 Datasheet
368Kb / 13P
   Auto-Adjusting Sync Separator for HD and SD Video
ISL59885 INTERSIL-ISL59885_06 Datasheet
363Kb / 14P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
Renesas Technology Corp
ISL59885 RENESAS-ISL59885 Datasheet
801Kb / 15P
   Auto-Adjusting Sync Separator for HD and SD Video
logo
National Semiconductor ...
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
   Auto-Detecting SD/HD/PC Video Sync Separator
logo
Texas Instruments
LMH1980MM TI-LMH1980MM Datasheet
1Mb / 22P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LMH1980MM TI1-LMH1980MM Datasheet
773Kb / 20P
[Old version datasheet]   LMH1980 Auto-Detecting SD/HD/PC Video Sync Separator
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
   Multi-Format Video Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com