Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS62256H-15RC Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # MS62256H-15RC
Description  32K x 8 HIGH SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MS62256H-15RC Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  MS62256H-15RC Datasheet HTML 1Page - Mosel Vitelic, Corp MS62256H-15RC Datasheet HTML 2Page - Mosel Vitelic, Corp MS62256H-15RC Datasheet HTML 3Page - Mosel Vitelic, Corp MS62256H-15RC Datasheet HTML 4Page - Mosel Vitelic, Corp MS62256H-15RC Datasheet HTML 5Page - Mosel Vitelic, Corp MS62256H-15RC Datasheet HTML 6Page - Mosel Vitelic, Corp MS62256H-15RC Datasheet HTML 7Page - Mosel Vitelic, Corp MS62256H-15RC Datasheet HTML 8Page - Mosel Vitelic, Corp MS62256H-15RC Datasheet HTML 9Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MOSEL-VITELIC
MS62256H
Pin Descriptions
A0 - A14
Address Inputs
These 15 address inputs select one of the 32768
8-bit words in the RAM.
E
Chip Enable Input
E is active LOW. The chip enable must be active
to read from or write to the device. If it is not active,
the device is deselected and is in a standby power
mode. The DQ pins will be in the high-impedance
state when deselected.
G
Output Enable Input
The output enable input is active LOW. If the
output enable is active while the chip is selected
and the write enable is inactive, data will be present
on the DQ pins and they will be enabled. The DQ
pins will be in the high impedance state when G is
inactive.
W
Write Enable Input
The write enable input is active LOW and controls
read and write operations. With the chip enabled,
when W is HIGH and G is LOW, output data will be
present at the DQ pins; when W is LOW, the data
present on the DQ pins will be written into the
selected memory location.
DQ0 - DQ7
Data Input/Output Ports
These 8 bidirectional ports are used to read data
from or write data into the RAM.
VCC
Power Supply
VSS
Ground
Truth Table
Operating Range
Range
Ambient
Temperature
Vcc
Commercial
0°C to +70°C
5V ± 10%
Mode
E
G
W
I/O Operation
Standby
H
X
X
High Z
Read
L
L
H
DOUT
Output
Disabled
L
H
H
High Z
Write
L
X
L
D IN
Absolute Maximum Ratings (1)
Symbol
Parameter
Rating
Units
VCC
Supply Voltage
-0.3 to 7
VIN
Input Voltage
-0.3 to 7
V
VDQ
Input/Output Voltage Applied
-0.3 to 6
TBIAS
Temperature Under
Bias
Plastic
-10 to +125
°C
TSTG
Storage
Temperature
Plastic
-40 to +150
°C
PD
Power Dissipation
1.2
W
IOUT
DC Output Current
50
mA
1.
Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability and degrade performance characteristics.


Similar Part No. - MS62256H-15RC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
MS62256L-10 MOSEL-MS62256L-10 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
MS62256L-10FC MOSEL-MS62256L-10FC Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
MS62256L-10PC MOSEL-MS62256L-10PC Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
MS62256L-12FC MOSEL-MS62256L-12FC Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
More results

Similar Description - MS62256H-15RC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com