Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6590 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6590
Description  FULLY INTEGRATED POWER SUPPLY FIPS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6590 Datasheet HTML 6Page - STMicroelectronics L6590 Datasheet HTML 7Page - STMicroelectronics L6590 Datasheet HTML 8Page - STMicroelectronics L6590 Datasheet HTML 9Page - STMicroelectronics L6590 Datasheet HTML 10Page - STMicroelectronics L6590 Datasheet HTML 11Page - STMicroelectronics L6590 Datasheet HTML 12Page - STMicroelectronics L6590 Datasheet HTML 13Page - STMicroelectronics L6590 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
L6590
10/23
Figure 24. Test Board (1) with Primary Feedback: Electrical Schematic
Figure 25. Test Board (1) Evaluation Data
C2
22 µF
25 V
C4
100 nF
C7, C8
330 µF
16 V
D1
BZW06-154
D3
1N4148
D4 BYW100-100
IC1
C9
100 µF
16 V
R1 68
R4
1.5 k
D2
STTA106
L1
4.7 µH
T1
C1
22 µF
400 V
C7
2.2 nF
Y
C6
10 nF
BD1
DF06M
Vin
88 to 264 Vac
F1
2A/250V
R2
5.6 k
R3
1.1 k
T1 specification
Core E20/10/6, ferrite 3C85 or N67 or equivalent
≈0.5 mm gap for a primary inductance of 2.9 mH
Lleakage <90 µH
Primary : 180 T, 2 series windings 90T each, AWG33
(∅ 0.22 mm)
Sec : 19 T, AWG30 (
∅ 0.3 mm)
Aux : 19 T, AWG33
Vo =12 V ± 10%
Po= 1 to 10 W
3
1
5
4
6, 7, 8
L6590
R5
110
C5
680 nF
Load & Line regulation
50
100
150
200
250
300
11.5
12
12.5
13
13.5
Input Voltage [Vac]
Output Voltage [V]
Efficiency
50
100
150
200
250
300
72
74
76
78
80
82
84
86
Input Voltage [Vac]
Efficiency [%]
Pout =
10 W
5W
2.5 W
1W
Pout =
10 W
5W
2.5 W
1W


Similar Part No. - L6590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
More results

Similar Description - L6590

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590A STMICROELECTRONICS-L6590A Datasheet
238Kb / 19P
   FULLY INTEGRATED POWER SUPPLY
logo
Fairchild Semiconductor
FAN4603 FAIRCHILD-FAN4603 Datasheet
955Kb / 12P
   600mA, Fully Integrated, Buck Power Supply Module
logo
Freescale Semiconductor...
34712 FREESCALE-34712 Datasheet
477Kb / 23P
   3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
logo
M/A-COM Technology Solu...
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
   Fully Integrated Power Amplifier
MAAP-018260 MA-COM-MAAP-018260 Datasheet
2Mb / 12P
   Fully Integrated Power Amplifier
MAAP-010150 MA-COM-MAAP-010150 Datasheet
2Mb / 13P
   Fully Integrated Power Amplifier
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
   0.65A Output, Fully Integrated Step-down Switching Power Supply Module
logo
Freescale Semiconductor...
34713 FREESCALE-34713 Datasheet
510Kb / 21P
   5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
logo
Rohm
BZ6A7D06GM ROHM-BZ6A7D06GM Datasheet
690Kb / 19P
   0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com