Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8401ISZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL8401ISZ
Description  200MHz Rail-to-Rail Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8401ISZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL8401ISZ Datasheet HTML 5Page - Intersil Corporation EL8401ISZ Datasheet HTML 6Page - Intersil Corporation EL8401ISZ Datasheet HTML 7Page - Intersil Corporation EL8401ISZ Datasheet HTML 8Page - Intersil Corporation EL8401ISZ Datasheet HTML 9Page - Intersil Corporation EL8401ISZ Datasheet HTML 10Page - Intersil Corporation EL8401ISZ Datasheet HTML 11Page - Intersil Corporation EL8401ISZ Datasheet HTML 12Page - Intersil Corporation EL8401ISZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN7105.3
August 29, 2007
Simplified Schematic Diagram
FIGURE 25. DISABLED RESPONSE (EL8200)
FIGURE 26. ENABLED RESPONSE (EL8200)
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 28. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
VS=±2.5V, AV=1, RL=1kΩ
CH1, CH2, 0.5V/DIV, M=20ns
CH2
CH1
ENABLE
INPUT
OUTPUT
VS=±2.5V, AV=1, RL=1kΩ
CH1, CH2, 1V/DIV, M=100ns
CH2
CH1
ENABLE
INPUT
VOUT
909mW
1.4
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4
θ
JA =
88
°C
/W
SO
14
θJA=110°C/W
SO8
893mW
870mW
θJA=115°C/W
MSOP10
θJA=112°C/W
QSOP16
1.136W
486mW
θJA=206°C/W
MSOP10
625mW
1
0.9
0.8
0.6
0.4
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
833mW
θ
JA =
12
0°C
/W
SO
14
633mW
θJA=158°C/W
θJA=160°C/W
SO8
QSOP16
IN+
IN-
I1
I2
R6
R3
R1
R2
Q1
Q2
R7
VBIAS1
Q5
Q6
R8
Q7
Q8
R9
Q3
Q4
R4
R5
VS-
OUT
VBIAS2
VS+
DIFFERENTIAL TO
DRIVE
GENERATOR
SINGLE ENDED
EL8200, EL8201, EL8401


Similar Part No. - EL8401ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8401ISZ INTERSIL-EL8401ISZ Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8401ISZ RENESAS-EL8401ISZ Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8401ISZ-T13 INTERSIL-EL8401ISZ-T13 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8401ISZ-T13 RENESAS-EL8401ISZ-T13 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8401ISZ-T7 INTERSIL-EL8401ISZ-T7 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
More results

Similar Description - EL8401ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Renesas Technology Corp
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
   200MHz Rail-to-Rail Amplifier
logo
Intersil Corporation
5962-0623501QPC INTERSIL-5962-0623501QPC Datasheet
115Kb / 4P
   500MHz Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com