Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6294IRZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6294IRZ-T
Description  High Input Voltage Charger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6294IRZ-T Datasheet(HTML) 8 Page - Intersil Corporation

  ISL6294IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN9174.4
July 9, 2007
ISL6294
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45°
C
H
0.25(0.010)
B
M
M
α
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
α
-
Rev. 1 6/05


Similar Part No. - ISL6294IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
222Kb / 8P
   High Input Voltage Charger
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
181Kb / 9P
   High Input Voltage Charger
July 9, 2007
logo
Renesas Technology Corp
ISL6294IRZ-T RENESAS-ISL6294IRZ-T Datasheet
471Kb / 9P
   High Input Voltage Charger
More results

Similar Description - ISL6294IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9204 RENESAS-ISL9204 Datasheet
498Kb / 10P
   High Input Voltage Charger
logo
Intersil Corporation
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
181Kb / 9P
   High Input Voltage Charger
July 9, 2007
logo
Renesas Technology Corp
ISL6294A RENESAS-ISL6294A Datasheet
432Kb / 8P
   High Input Voltage Charger
ISL9222A RENESAS-ISL9222A Datasheet
422Kb / 8P
   High Input Voltage Charger
logo
Intersil Corporation
ISL6294 INTERSIL-ISL6294 Datasheet
222Kb / 8P
   High Input Voltage Charger
ISL9222 INTERSIL-ISL9222 Datasheet
121Kb / 8P
   High Input Voltage Charger
ISL6294A INTERSIL-ISL6294A Datasheet
147Kb / 8P
   High Input Voltage Charger
ISL9204 INTERSIL-ISL9204 Datasheet
261Kb / 10P
   High Input Voltage Charger
ISL9204IRZ-T INTERSIL-ISL9204IRZ-T Datasheet
268Kb / 10P
   High Input Voltage Charger
October 4, 2005
logo
SG Micro Corp
SGM4056 SGMICRO-SGM4056 Datasheet
413Kb / 19P
   High Input Voltage Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com