Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6294IRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6294IRZ-T
Description  High Input Voltage Charger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6294IRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6294IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6294IRZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN9174.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6294
High Input Voltage Charger
The ISL6294 is a cost-effective, fully integrated high input
voltage single-cell Li-ion battery charger. The charger uses a
CC/CV charge profile required by Li-ion batteries. The
charger accepts an input voltage up to 28V but is disabled
when the input voltage exceeds the OVP threshold, typically
6.8V, to prevent excessive power dissipation. The 28V rating
eliminates the overvoltage protection circuit required in a low
input voltage charger.
The charge current and the end-of-charge (EOC) current are
programmable with external resistors. When the battery voltage
is lower than typically 2.55V, the charger preconditions the
battery with typically 20% of the programmed charge current.
When the charge current reduces to the programmable EOC
current level during the CV charge phase, an EOC indication is
provided by the CHG pin, which is an open-drain output. An
internal thermal foldback function protects the charger from any
thermal failure.
Two indication pins (PPR and CHG) allow simple interface to
a microprocessor or LEDs. When no adapter is attached or
when disabled, the charger draws less than 1µA leakage
current from the battery.
Pinouts
Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• Low Component Count and Cost
• 1% Voltage Accuracy
• Programmable Charge Current
• Programmable End-of-Charge Current
• Charge Current Thermal Foldback for Thermal
Protection
• Trickle Charge for Fully Discharged Batteries
• 28V Maximum Voltage for the Power Input
• Power Presence and Charge Indications
• Less Than 1µA Leakage Current off the Battery When No
Input Power Attached or Charger Disabled
• Ambient Temperature Range: -40°C to +85°C
• 8 Ld 2x3 DFN and 8 Ld SOIC Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Mobile Phones
• Blue-Tooth Devices
•PDAs
• MP3 Players
• Stand-Alone Chargers
• Other Handheld Devices
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL6294IRZ-T 94Z
-40 to +85
8 Ld 2x3 DFN L8.2x3
ISL6294IBZ
6294 IBZ
-40 to +85
8 Ld SOIC
M8.15
ISL6294IBZ-T
6294 IBZ
-40 to +85
8 Ld SOIC
M8.15
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
BAT
IREF
IMIN
GND
VIN
PPR
CHG
EN
2
3
4
1
5
8
7
6
2
3
4
1
7
6
5
8
VIN
PPR
CHG
EN
BAT
IREF
IMIN
GND
ISL6294
(8 LD SOIC)
TOP VIEW
Data Sheet
July 9, 2007
BAT
IREF
IMIN
GND
VIN
PPR
CHG
EN
2
3
4
1
5
8
7
6
2
3
4
1
7
6
5
8
VIN
PPR
CHG
EN
BAT
IREF
IMIN
GND
ISL6294
(8 LD SOIC)
TOP VIEW
ISL6294
(8 LD DFN)
TOP VIEW


Similar Part No. - ISL6294IRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
222Kb / 8P
   High Input Voltage Charger
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
181Kb / 9P
   High Input Voltage Charger
July 9, 2007
logo
Renesas Technology Corp
ISL6294IRZ-T RENESAS-ISL6294IRZ-T Datasheet
471Kb / 9P
   High Input Voltage Charger
More results

Similar Description - ISL6294IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9204 RENESAS-ISL9204 Datasheet
498Kb / 10P
   High Input Voltage Charger
logo
Intersil Corporation
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
181Kb / 9P
   High Input Voltage Charger
July 9, 2007
logo
Renesas Technology Corp
ISL6294A RENESAS-ISL6294A Datasheet
432Kb / 8P
   High Input Voltage Charger
ISL9222A RENESAS-ISL9222A Datasheet
422Kb / 8P
   High Input Voltage Charger
logo
Intersil Corporation
ISL6294 INTERSIL-ISL6294 Datasheet
222Kb / 8P
   High Input Voltage Charger
ISL9222 INTERSIL-ISL9222 Datasheet
121Kb / 8P
   High Input Voltage Charger
ISL6294A INTERSIL-ISL6294A Datasheet
147Kb / 8P
   High Input Voltage Charger
ISL9204 INTERSIL-ISL9204 Datasheet
261Kb / 10P
   High Input Voltage Charger
ISL9204IRZ-T INTERSIL-ISL9204IRZ-T Datasheet
268Kb / 10P
   High Input Voltage Charger
October 4, 2005
logo
SG Micro Corp
SGM4056 SGMICRO-SGM4056 Datasheet
413Kb / 19P
   High Input Voltage Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com