Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT1616 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # VT1616
Description  6-Channel AC97 Codec with S/PDIF
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VT1616 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button VT1616 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT1616 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Revision 1.5, October 11, 2002
11
Data Sheet
VT1616 6-Channel AC97 Codec with S/PDIF
Phone Input Volume Control Register (Index 0Ch)
Mute
Phone Input Mute Control
“1” :
Mute enabled
“0” :
Mute disabled
GN[4:0]
Phone Input Volume Control
These five bits select the gain appliedto the Phone Input signal. The gain is programmable from -
34.5dB to 12dB in 1.5dB increments, providing a total of 32 programmable levels. Please refer to
Table 3 on page 14 for details.
Mic Input Volume Control Register (Index 0Eh)
Mute
Mic Input Mute Control
“1” :
Mute enabled
“0” :
Mute disabled
20dB
Mic Boost Control
“1” :
Fixed20dB gain enabled
“0” :
Fixed20dB gain disabled
GN[4:0]
Mic Input Volume Control
These five bits select the gain appliedto the Mic Input signal. The gain is programmable from -
34.5dB to 12dB in 1.5dB increments, providing a total of 32 programmable levels. Please refer to
Table 3 on page 14 for details.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
Mute
–––
––––
–––
GN4
GN3
GN2
GN1
GN0
8008h
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
Mute
–––
––––
20dB
GN4
GN3
GN2
GN1
GN0
8008h


Similar Part No. - VT1616

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
VT16 HIGHLY-VT16 Datasheet
1Mb / 3P
   SNAP ACTION SWITCH
logo
VIA Technologies, Inc.
VT1620A VIA-VT1620A Datasheet
479Kb / 27P
   VinylUSB USB2.0 FS Audio Codec
logo
NXP Semiconductors
VT162240ADGG PHILIPS-VT162240ADGG Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
VT162240ADL PHILIPS-VT162240ADL Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
VT162244BDGG PHILIPS-VT162244BDGG Datasheet
77Kb / 10P
   3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
More results

Similar Description - VT1616

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8580 WOLFSON-WM8580_07 Datasheet
989Kb / 92P
   Multichannel CODEC with S/PDIF Transceiver
WM8580_07 WOLFSON-WM8580_07_12 Datasheet
1Mb / 97P
   Multichannel CODEC with S/PDIF Transceiver
WM8580 WOLFSON-WM8580_08 Datasheet
1Mb / 103P
   Multichannel CODEC with S/PDIF Transceiver
WM8580A WOLFSON-WM8580A Datasheet
1Mb / 106P
   Multichannel CODEC with S/PDIF Transceiver
WM8581 WOLFSON-WM8581_07 Datasheet
1Mb / 100P
   Multichannel CODEC with S/PDIF Transceiver
WM8580 WOLFSON-WM8580 Datasheet
968Kb / 92P
   Multichannel CODEC with S/PDIF Transceiver
WM8581 WOLFSON-WM8581 Datasheet
1Mb / 94P
   Multichannel CODEC with S/PDIF Transceiver
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
logo
Cirrus Logic
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
   110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com