Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4135 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4135
Description  Evaluation Kit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4135 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4135_97 Datasheet HTML 1Page - Maxim Integrated Products MAX4135_97 Datasheet HTML 2Page - Maxim Integrated Products MAX4135_97 Datasheet HTML 3Page - Maxim Integrated Products MAX4135_97 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAX4136, MAX4137,
MAX4138 Configuration
The MAX4135 EV kit can easily be configured to evalu-
ate the MAX4136, MAX4137, or MAX4138. The primary
differences between the four parts are the number of
output channels (four or six), and either fixed (2V/V) or
adjustable gain (
≥2V/V). Refer to Table 1 and to the
MAX4135/MAX4136 and MAX4137/MAX4138 data
sheets for further information.
Evaluating the MAX4136
To evaluate the MAX4136, simply order a free sample
(MAX4136EWG), replace the MAX4135 with the
MAX4136 on the PC board, and select and install the
gain-setting resistors for the desired gain.
Evaluating the MAX4137
To evaluate the MAX4137, order a free sample
(MAX4137EWG) and replace the MAX4135 with the
MAX4137 on the PC board. Keep the 0
Ω resistor in RG
and leave RF open. Note that the four output channels
correspond to those labeled OUT2–OUT5, and are
selected via SEL2–SEL5 on SW1 (see Table 2).
Evaluating the MAX4138
To evaluate the MAX4138, simply order a free sample
(MAX4138EWG), replace the MAX4135 with the
MAX4138 on the PC board, and select and install the
gain-setting resistors for the desired gain. Note that the
four output channels correspond to those labeled
OUT2–OUT5, and are selected via SEL2–SEL5 on SW1
(see Table 2).
Layout Considerations
The MAX4135 EV kit layout has been optimized for
high-speed signals and low distortion, with careful
attention given to grounding, power-supply bypassing,
and signal-path layout. The small, surface-mount,
ceramic bypass capacitors (C2, C4, C5, and C6) have
been placed as close to the four MAX4135 supply pins
as possible. The ground plane has been removed
around and under the MAX4135 to reduce stray capac-
itance. The removal of ground plane around the input
SMA connector reduces distortion.
MAX4135 Evaluation Kit
2
_______________________________________________________________________________________
Table 1. Gain Configuration
Table 2. Output Channel Selection
6
6
No. OF
OUTPUTS
User
selected
Open
RF
MAX4136
MAX4135
PART
≥ 2
Fixed at 2
GAIN
V/V
User
selected
0
RG
≥ 2
Fixed at 2
User
selected
0
4
4
User
selected
Open
MAX4138
MAX4137
S
SE
EL
L1
1
No. OF
OUTPUTS
PART
S
SE
EL
L2
2
SW1 SWITCH SETTINGS
S
SE
EL
L4
4
S
SE
EL
L3
3
S
SE
EL
L6
6
S
SE
EL
L5
5
OUT2
OUT1
OUT4
OUT3
OUT6
6
OUT5
MAX4135
OUT2
OUT1
OUT4
OUT3
OUT6
6
OUT5
OUT1
OUT3
OUT2
4
OUT4
MAX4137
MAX4136
OUT1
OUT3
OUT2
4
OUT4
MAX4138


Similar Part No. - MAX4135_97

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4135EWG MAXIM-MAX4135EWG Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
More results

Similar Description - MAX4135_97

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com