Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR2510W Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BR2510W
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BR2510W Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BR2510W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BR2510W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GALAXY ELECTRICAL
FEATURES
Rating to 1000V PRV
Surge overload rating to 300 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
BR
2502
(W)
BR
2504
(W)
BR
2506
(W)
BR
2508
(W)
BR
2510
(W)
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
output current
@T
A=50
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 12.5 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
- 55 ---- + 150
- 55 ---- + 150
IR
SILICON BRIDGE RECTIFIERS
Mounting: thru hole for # 8 screw
mounting
A
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
25.0 A
35
5
0
BR - W
IFSM
A
5.0
Lead solderable per MIL-STD-202 method 208
IF(AV)
25.0
BR25005(W)---BR2510(W)
BR
25005
(W)
BR
2501
(W)
50
100
1.1
0.5
300.0
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0287050
1.
inch(mm)
.452
(11.5)
1.181(30.0)
1.102(28.0)
MAX
.425(10.8)
.480(12.2)
.692(17.6)
.732(18.6)
.692(17.6)
.732(18.6)
(0.8x 6.4)
.033x 250
HOLE FOR
NO.8 SCREW
1.102(28.0)
1.181(30.0)
AC
AC
-
+
METAL HEAT SINK
PLASTIC
.468(11.9)
.429(10.9)
.042(1.1)
.090(2.0)


Similar Part No. - BR2510W

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR2510W DCCOM-BR2510W Datasheet
429Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
BR2510W HY-BR2510W Datasheet
404Kb / 3P
   Silicon Bridge Rectifiers
logo
EIC discrete Semiconduc...
BR2510W EIC-BR2510W Datasheet
17Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2510W EIC-BR2510W Datasheet
175Kb / 2P
   SILICON BRIDGE RECTIFIERS
Rev. 03:January 14, 2019
logo
MIC GROUP RECTIFIERS
BR2510W MIC-BR2510W Datasheet
102Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - BR2510W

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com