Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28268FUZ-T7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28268FUZ-T7
Description  34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28268FUZ-T7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28268FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 14Page - Intersil Corporation ISL28268FUZ-T7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6378.2
September 13, 2007
Applications Information
Introduction
The ISL28168 is a single CMOS rail-to-rail input, output
(RRIO) operational amplifier with an enable feature. The
ISL28268 is a dual version without the enable feature. Both
devices are designed to operate from single supply (2.4V to
5.5V) or dual supplies (±1.2V to ±2.75V).
Rail-to-Rail Input/Output
Many rail-to-rail input stages use two differential input pairs,
a long-tail PNP (or PFET) and an NPN (or NFET). Severe
penalties have to be paid for this circuit topology. As the
input signal moves from one supply rail to another, the
operational amplifier switches from one input pair to the
other causing drastic changes in input offset voltage and an
undesired change in magnitude and polarity of input offset
current.
The ISL28168 and ISL28268 achieve input rail-to-rail
operation without sacrificing important precision
specifications and degrading distortion performance. The
devices’ input offset voltage exhibits a smooth behavior
throughout the entire common-mode input range. The input
bias current versus the common-mode voltage range gives
us an undistorted behavior from typically 100mV below the
negative rail and 0.25V higher than the V+ rail. The CMOS
output stage features excellent drive capability, typically
swinging to within 6mV of either rail with a 100k
Ω load.
Pin Descriptions
ISL28168
(6 Ld SOT-23)
ISL28268
(8 Ld SOIC)
(8 Ld MSOP)
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
NC
Not connected
4
2 (A)
6 (B)
IN-
IN- (A)
IN- (B)
inverting input
Circuit 1
3
3 (A)
5 (B)
IN+
IN+ (A)
IN+ (B)
Non-inverting input
See Circuit 1
2
4
V-
Negative supply
Circuit 2
1
1 (A)
7 (B)
OUT
OUT (A)
OUT (B)
Output
Circuit 3
6
8
V+
Positive supply
See Circuit 2
5EN
Chip enable
Circuit 3
IN+
IN-
V+
V-
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
V+
V-
OUT
LOGIC
PIN
V+
V-
ISL28168, ISL28268


Similar Part No. - ISL28268FUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28268FUZ INTERSIL-ISL28268FUZ Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28268FUZ RENESAS-ISL28268FUZ Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
More results

Similar Description - ISL28268FUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28168 RENESAS-ISL28168 Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com