Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1502 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MP1502
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MP1502 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MP1502 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MP1502 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 02870
57
1.
GALAXY ELECTRICAL
FEATURES
Rating to 1000V PRV
Surge overload rating to 300 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
MP
1502
(W)
MP
1504
(W)
MP
1506
(W)
MP
1508
(W)
MP
1510
(W)
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=25
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at
7.50 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage @T
A=100
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
15.0 A
35
50
- 55 ---- + 150
- 55 ---- + 1
25
IR
MP15005(W) ---MP1510(W)
A
10.0
plastic technique results in inexpensive product
IF(AV)
15.0
SILICON BRIDGE RECTIFIERS
Lead solderable per MIL-STD-202 method 208
A
MP
15005
(W)
MP
1501
(W)
50
100
1.1
1.0
300.0
IFSM
MP - W
.311
(7.9)
1.142(29)
1.102(28)
MAX
20
.787
.469(11.9)
.429(10.9)
.693(17.6)
.732(18.6)
.732(18.6)
.693(17.6)
HOLE FOR
NO.10 SCREW
-
+
1.142(29)
1.102(28)
MIN
.043(1.1)
.039(1.0)
PLASTIC


Similar Part No. - MP1502

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MP1502 WTE-MP1502 Datasheet
42Kb / 3P
   15A BRIDGE RECTIFIER
MP1502 WTE-MP1502 Datasheet
70Kb / 4P
   15A SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
MP1502 BILIN-MP1502 Datasheet
101Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
RFE international
MP1502 RFE-MP1502 Datasheet
902Kb / 4P
   BRIDGE RECTIFIERS 10 Amps
logo
Formosa MS
MP1502 FORMOSA-MP1502 Datasheet
112Kb / 6P
   Bridge Rectifier
More results

Similar Description - MP1502

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com