Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28266FBZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL28266FBZ-T7
Description  39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28266FBZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL28266FBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28266FBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28266FBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28266FBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28266FBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28266FBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28266FBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28266FBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28266FBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6155.3
March 20, 2008
FIGURE 5. GAIN vs FREQUENCY vs VOUT
FIGURE 6. GAIN vs FREQUENCY vs VOUT
FIGURE 7. GAIN vs FREQUENCY vs VOUT
FIGURE 8. CMRR vs FREQUENCY
FIGURE 9. PSRR vs FREQUENCY, VS = 2.4V
FIGURE 10. PSRR vs FREQUENCY, VS = 5V
Typical Performance Curves (Continued)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
FREQUENCY (Hz)
AV = 1
RL = 1k
CL = 16.3pF
1k
10k
100k
1M
VOUT = 10mV
VOUT = 50mV
VOUT = 100mV
VOUT = 1V
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
AV = 1
RL = 10k
CL = 16.3pF
1k
10k
100k
1M
VOUT = 100mV
VOUT = 50mV
VOUT = 10mV
VOUT = 1V
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
AV = 1
RL = 100k
CL = 16.3pF
1k
10k
100k
1M
VOUT = 50mV
VOUT = 10mV
VOUT = 1V
VOUT = 100mV
-70
-60
-50
-40
-30
-20
-10
0
10
FREQUENCY (Hz)
VS = 5V
AV = 1
RL = 10k
VCM = 1VPP
CL = 16.3pF
AV = 1
RL = 10k
VCM = 1VP-P
CL = 16.3pF
1k
10k
100k
1M
100
VS = 2.4V
-80
-70
-60
-50
-40
-30
-20
-10
0
10
FREQUENCY (Hz)
PSRR-
PSRR+
AV = 1
RL = 1k
VOUT = 1VP-P
CL = 16.3pF
VS = 2.4V
1k
10k
100k
1M
100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
FREQUENCY (Hz)
PSRR-
PSRR+
AV = 1
RL = 1k
VOUT = 1VP-P
CL = 16.3pF
VS = 5V
1k
10k
100k
1M
100
ISL28166, ISL28266


Similar Part No. - ISL28266FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28266FBZ-T7 INTERSIL-ISL28266FBZ-T7 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results

Similar Description - ISL28266FBZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com