Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84544IHZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL84544IHZ-T
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84544IHZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL84544IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Electrical Specifications - 3.3V Supply
Test Conditions: V+ = +3.0V to +3.6V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 5),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 6)
TYP
MAX
(NOTE 6)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 3V, ICOM = 1.0mA, VNO or VNC = 1.5V
25
-
50
80
Full
-
-
140
RON Matching Between Channels,
∆R
ON
V+ = 3.3V, ICOM = 1.0mA, VNO or VNC = 1.5V
25
-
0.8
2
Full
-
-
4
RON Flatness, RFLAT(ON)
V+ = 3.3V, ICOM = 1.0mA, VNO or VNC = 0.5V,
1V, 1.5V
25
-
6
10
Full
-
7
12
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.6V, VCOM = 1V, 3V, VNO or VNC = 3V, 1V, Note 7
25
-0.1
0.01
0.1
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 3.6V, VCOM = 3V, 1V, VNO or VNC = 1V, 3V, Note 7
25
-0.1
0.01
0.1
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 3.6V, VCOM = 1V, 3V, or VNO or VNC = 1V, 3V,
or floating, Note 7
25
-0.2
-
0.2
nA
Full
-10
-
10
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 1.5V, RL =1kΩ, CL = 35pF, VIN = 0 to 3V
25
-
50
120
ns
Full
200
ns
Turn-OFF Time, tOFF
VNO or VNC = 1.5V, RL =1kΩ, CL = 35pF, VIN = 0 to 3V
25
-
20
50
ns
Full
-
-
120
ns
Break-Before-Make Time Delay
(ISL84543, ISL84544), tD
RL = 300Ω, CL = 35pF, VNO or VNC = 1.5V,
VIN = 0 to 3V
Full
3
30
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω
25
-
1
5
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
76
-
dB
Crosstalk (Channel-to-Channel)
25
-
-90
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V
25
-
8
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V
25
-
8
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, ISL84541/2/3
25
-
13
-
pF
f = 1MHz, VNO or VNC = VCOM = 0V, ISL84544
25
-
20
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 3.6V, VIN = 0V or V+, all channels on or off
Full
-1
-
1
µA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
2.4
-
-
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-1
-
1
µA
ISL84541, ISL84542, ISL84543, ISL84544


Similar Part No. - ISL84544IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84544IH-T INTERSIL-ISL84544IH-T Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL84544IHZ-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com