Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84544IHZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL84544IHZ-T
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84544IHZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL84544IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL84544IHZ-T Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FIGURE 3C. MEASUREMENT POINTS (ISL84544 ONLY)
CL includes fixture and stray capacitance.
FIGURE 3D. TEST CIRCUIT (ISL84544 ONLY)
FIGURE 3. BREAK-BEFORE-MAKE TIME
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. RON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
90%
3V
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
INPUT
IN
COM
RL
CL
VOUT
35pF
300
NO
NC
V+
GND
VNX
C
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V or 2.4V
NO or NC
COM
INX
GND
V+
C
0.8V or 2.4V
NO or NC
COM
IN
GND
VNX
V1
RON = V1/1mA
1mA
0V or 2.4V
ANALYZER
V+
C
NO1 or NC1
SIGNAL
GENERATOR
RL
GND
IN1
COM1
IN2
50
0V or 2.4V
NC
COM2
NO2 or NC2
V+
C
GND
NO or NC
COM
INX
IMPEDANCE
ANALYZER
0V or 2.4V
ISL84541, ISL84542, ISL84543, ISL84544


Similar Part No. - ISL84544IHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84544IH-T INTERSIL-ISL84544IH-T Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL84544IHZ-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com