Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBJ10A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # KBJ10A
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KBJ10A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  KBJ10A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KBJ10A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.4
.6
.8
1.0 1.2
.01
0.1
1.0
1.6
.2
10
1.4
100
5
.1
.2
.4
1.0
2
4
10
20
40
10
1
20
40
100
120
140
160
200
TJ=25
f=1MHz
50
0
05 0
1 0 0
1 5 0
2.5
5
7.5
10
12 .5
0
1100
10
8.3ms Single Half Sine Wave
TJ=125
100
150
200
250
50
RATINGS AND CHARACTERISTIC CURVES
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE,VOLTS
KBJ10A --- KBJ10M
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.2 -- FORWARD DERATING CURVE
FIG.1 -- PEAK FORWARD SURGE CURRENT
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 02870
69
2.


Similar Part No. - KBJ10A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ10A WTE-KBJ10A Datasheet
51Kb / 3P
   10A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ10A ZSELEC-KBJ10A Datasheet
84Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
KBJ10A DCCOM-KBJ10A Datasheet
476Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILCON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
logo
CHENG-YI ELECTRONIC CO....
KBJ10A CHENG-YI-KBJ10A Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ10A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com