Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48A12M150A Datasheet(PDF) 6 Page - Vicor Corporation

Part # V48A12M150A
Description  375Vin / 2Vout / 50Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V48A12M150A Datasheet(HTML) 6 Page - Vicor Corporation

  V48A12M150A Datasheet HTML 1Page - Vicor Corporation V48A12M150A Datasheet HTML 2Page - Vicor Corporation V48A12M150A Datasheet HTML 3Page - Vicor Corporation V48A12M150A Datasheet HTML 4Page - Vicor Corporation V48A12M150A Datasheet HTML 5Page - Vicor Corporation V48A12M150A Datasheet HTML 6Page - Vicor Corporation V48A12M150A Datasheet HTML 7Page - Vicor Corporation V48A12M150A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V375C2C50A DC-DC Converter
Rev. 5.1
Page 6 of 8
Set your site on VICOR at www.vicorpower.com
CONTROL FUNCTIONS - PR PIN
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy and phased array capability. Modules of
the same input voltage, output voltage, and power level will
current share if all PR pins are suitably interfaced.
Compatible interface architectures include the following:
DC coupled single-wire interface. All PR pins are directly
connected to one another. This interface supports current
sharing but is not fault tolerant. Minus In pins must be tied to
the same electric potential. See Figure 9.
AC coupled single-wire interface. All PR pins are connected
to a single communication bus through 0.001µF (500V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. See Figure 10.
Figure 9—DC coupled single-wire interface.
Module 2
(up to 12)
Module 1
Ground plane
+Out
SC
–Out
+In
PC
PR
–In
+Out
SC
–Out
+In
PC
PR
–In
Module 2
(up to 12)
Module 1
Ground plane
+Out
SC
–Out
+In
PC
PR
–In
+Out
SC
–Out
+In
PC
PR
–In
Figure 10—AC coupled single-wire interface.
0.001µF
0.001µF
R1
4
2
7
6
Load
LM10
+Out
SC
–Out
R2
R3
1
3
8
0.001
µF
1.05K
200
R4
1.2K
+Out
SC
–Out
+Out
SC
–Out
+Out
SC
–Out
L
O
A
D
Plane
Ground
Plane
• The +Out and –Out
power buses should be
designed to minimize
and balance parasitic
impedance from each
module output to the
load.
• At the discretion of the
power system designer,
a subset of all modules
within an array may be
configured as slaves by
shorting SC to –Out.
• Do not use output
OR’ing diodes with
MicroMods.
• This module is designed for point of load regulation, where remote sensing
is not required. Active voltage drop compensator, as shown here, may be
used in applications with significant distribution losses. Details of this circuit
are available in the design guide.
Figure 12—Voltage drop compensation.
Figure 11—N+1 module array output connections.
PIN STYLES *
Designator
Description
Notes
(None)
Short solder
Requires in-board, mounting
L
Long solder
On-board mounting for 0.65" boards
S
Short ModuMate
SurfMate or in-board socket mounting
N
Long ModuMate
On-board socket mounting
* Pin style designator follows the “A” after the output power and precedes the baseplate designator.
Ex. V375A24C600AN — Long ModuMate Pins


Similar Part No. - V48A12M150A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A12M150A VICOR-V48A12M150A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
More results

Similar Description - V48A12M150A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C2C50A VICOR-V300C2C50A Datasheet
172Kb / 8P
   300Vin / 2Vout / 50Watts DC-DC Converter Module
V375A2C160A VICOR-V375A2C160A Datasheet
190Kb / 8P
   375Vin / 2Vout / 160Watts DC-DC Converter Module
V48C2C50B VICOR-V48C2C50B Datasheet
145Kb / 8P
   48Vin / 2Vout / 50Watts DC-DC Converter Module
V48C5C50B VICOR-V48C5C50B Datasheet
173Kb / 8P
   48Vin / 5Vout / 50Watts DC-DC Converter Module
V48A2C160A VICOR-V48A2C160A Datasheet
192Kb / 8P
   48Vin / 2Vout / 160Watts DC-DC Converter Module
V300B2C100A VICOR-V300B2C100A Datasheet
179Kb / 8P
   300Vin / 2Vout / 100Watts DC-DC Converter Module
V24A2C160A VICOR-V24A2C160A Datasheet
192Kb / 9P
   24Vin / 2Vout / 160Watts DC-DC Converter Module
V300A2C160B VICOR-V300A2C160B Datasheet
151Kb / 8P
   300Vin / 2Vout / 160Watts DC-DC Converter Module
V375A12C600B VICOR-V375A12C600B Datasheet
150Kb / 8P
   375Vin / 12Vout / 600Watts DC-DC Converter Module
V375B24C300B VICOR-V375B24C300B Datasheet
145Kb / 8P
   375Vin / 24Vout / 300Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com